전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SVB-C9-R/E

  • AI
    The **SVB-C9-R/E** is a specific variant of a safety switch/interlock component, typically associated with industrial automation and safety systems (often manufactured by brands like **IDEC** or related safety switch providers). It is primarily used to monitor the status of machine guards or doors to ensure operator safety. --- ### 1. Component Overview The SVB-C9-R/E is a **Safety Interlock Switch** (often a solenoid-locking or non-contact type depending on the specific series configuration). Its primary function is to break an electrical circuit when a safety guard is opened, preventing machine operation. ### 2. Electronic & Technical Specifications Below is a breakdown of the typical electronic characteristics found in this series: | Parameter | Typical Value / Description | | :--- | :--- | | **Contact Configuration** | Usually 1NO / 2NC or 3NC (Safety + Monitoring) | | **Rated Voltage** | 24V DC or 110V/230V AC (Model dependent) | | **Current Rating** | 1A to 3A (Thermal current $I_{th}$) | | **Actuation Type** | Mechanical Key or Magnetic/Coded Actuator | | **Connection Type** | M12 Connector or Terminal Block | | **IP Rating** | IP67 (Dust tight and immersion resistant) | | **Safety Standard** | ISO 13849-1 (PL e), IEC 61508 (SIL 3) | --- ### 3. Key Electronic Parts & Functions #### A. Internal Contacts (Switching Elements) * **NC (Normally Closed):** These are "Positive Force" or "Positive Opening" contacts. Even if the internal spring fails, mechanical pressure will force these contacts open to ensure the safety circuit is interrupted. * **NO (Normally Open):** Used for monitoring/signaling (e.g., sending a signal to a PLC that the door is open), but not used for the primary safety loop. #### B. Solenoid (Locking Mechanism) * The **"R/E"** designation often refers to the locking/unlocking logic: * **Power-to-Lock:** The solenoid requires power to keep the guard locked. * **Power-to-Unlock:** The guard remains locked mechanically and requires power to release (preferred for safety in case of power failure). #### C. Built-in LED Indicators * Integrated electronics often include a Red/Green LED system to show: * **Green:** Guard closed and locked (Safe to run). * **Red:** Guard open or error state. --- ### 4. Wiring Diagram Example In a standard safety circuit, the wiring follows this logic: ```mermaid graph LR A[Power Supply 24V] --> B[SVB-C9 Safety Contacts] B --> C[Safety Relay / PLC] C --> D[Motor Contactor] E[Unlock Signal] --> F[Solenoid Input] ``` --- ### 5. Application Areas * **CNC Machinery:** Ensures the door cannot be opened while the spindle is turning. * **Robotic Cells:** Prevents entry into the robot's work envelope during operation. * **Conveyor Systems:** Emergency stop integration on access hatches.
    ✨ Follow-up Questions
    • What is the difference between the Power-to-Lock and Power-to-Unlock versions for this model?
    • How do I wire the SVB-C9-R/E to a dual-channel safety relay?
    • What are the compatible actuator keys for the SVB-C9 series?