전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SVB-E9-R/Q

  • AI
    The **SVB-E9-R/Q** is a specific variant of a safety switch or control unit, typically associated with industrial automation and safety systems (often manufactured by brands like **IDEM** or similar industrial safety providers). These devices are used to monitor the status of safety guards or gates to prevent machine operation when a hazard is accessible. --- ### 1. Component Overview The "E9" series generally refers to high-specification non-contact safety switches or emergency stop stations. The suffix **R/Q** typically denotes the connection type and housing orientation. | Feature | Specification | | :--- | :--- | | **Technology** | Non-contact Coded Magnetic or RFID | | **Housing Material** | 316 Stainless Steel or High-Grade Plastic | | **Input Voltage** | Typically 24V DC | | **Connection Type** | M12 Quick Disconnect (Q) or Flying Lead (R) | | **Safety Rating** | Up to PLe (ISO 13849-1) / SIL 3 | --- ### 2. Internal Electronic Architecture The electronics inside the SVB-E9-R/Q are designed for **redundancy** and **fail-safe** operation. #### A. Sensing Circuitry * **Dual-Channel Design:** It utilizes two independent circuits to monitor the actuator's position. If one circuit fails, the other can still trigger a stop command. * **Coding:** Depending on the model, it uses a magnetic field pattern or an encrypted RFID signal to ensure the switch cannot be easily bypassed with a standard magnet. #### B. Switching Elements (Solid State) * **OSSD Outputs:** Most modern versions use **Output Signal Switching Devices (OSSD)**. These are electronic pulses that can detect short circuits to ground or external power sources. * **Protection:** Includes built-in protection against overvoltage, reverse polarity, and short circuits. #### C. Visual Indicators * **LED Feedback:** Integrated LEDs provide immediate diagnostic status: * **Green:** Guard Closed / System Safe. * **Red:** Guard Open / Danger. * **Flashing:** Fault or Misalignment. --- ### 3. Wiring Configuration (M12 / Flying Lead) The electronic interface usually follows a standardized color-coding for safety integration: | Pin/Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | +24V DC | Main Power Supply | | **Blue** | 0V / GND | Common Ground | | **Black/White** | Safety Output 1 | OSSD channel A to Safety Relay | | **Red/Yellow** | Safety Output 2 | OSSD channel B to Safety Relay | | **Green** | Aux/Signal | Non-safety status feedback (PLC) | --- ### 4. Application Logic The device interfaces with a **Safety Monitoring Relay** or a **Safety PLC**. Because the electronics are "non-contact," there is no mechanical wear, making it ideal for environments with high vibration or frequent washdowns (IP69K rating).
    ✨ Follow-up Questions
    • ⤷ What is the specific IP rating for the SVB-E9 series in washdown environments?
    • ⤷ How does the OSSD output differ from standard dry contact relay outputs?
    • ⤷ Can multiple SVB-E9 switches be connected in series without losing the safety rating?