전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SVB-F0-R

  • AI
    The **SVB-F0-R** is an electronic component primarily classified as an **interface module or safety relay accessory**, commonly associated with industrial automation systems (such as those by Schneider Electric or similar industrial control brands). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Overview The SVB-F0-R functions as a **safety monitoring or interface unit**. It is designed to bridge the gap between control logic (like a PLC) and high-power field devices, ensuring that safety protocols are met before power is applied. ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Safety Relay / Interface Module | | **Contact Configuration** | Typically 1 NO (Normally Open) or 1 NC (Normally Closed) logic | | **Rated Voltage** | 24V DC (Standard for industrial control) | | **Mounting Style** | DIN Rail Mounting (Standard TS35) | | **Termination** | Screw clamp terminals | | **Material** | Polyamide (PA66) / Fire-retardant casing | ### 3. Key Electronic Parts & Functions The internal circuitry of a module like the SVB-F0-R consists of several critical stages: #### A. Input Conditioning * **Optocouplers:** Often used to provide galvanic isolation between the low-voltage control signal and the output switching stage. This protects the PLC from voltage spikes. * **LED Indicators:** Integrated LEDs (usually Green/Red) provide visual feedback on the status of the coil and the output contacts. #### B. Switching Elements * **Electromechanical Relay:** The "R" in the suffix often denotes a **Relay** output. This allows the module to switch both AC and DC loads that are higher than what a standard transistor output could handle. * **Contact Material:** Usually Silver Tin Oxide (AgSnO2) to prevent contact welding and ensure a long electrical life cycle. #### C. Protection Circuitry * **Flyback Diode:** Connected across the relay coil to suppress "back EMF" (voltage spikes) when the coil is de-energized. * **Varistors (MOV):** May be included to protect the contacts from arcing when switching inductive loads (like motors or solenoids). ### 4. Typical Application Circuit ```mermaid graph LR A[PLC Output 24V] --> B[SVB-F0-R Input] B --> C{Internal Relay} C --> D[External Load / Motor Starter] subgraph Isolation Barrier B C end ``` --- ### 5. Summary of Use Cases 1. **Signal Isolation:** Separating sensitive electronic controllers from noisy industrial environments. 2. **Safety Interlocking:** Part of a safety circuit that prevents a machine from starting unless specific conditions are met. 3. **Voltage Level Shifting:** Using a 24V DC signal to switch a 230V AC load.
    ✨ Follow-up Questions
    • ⤷ What are the maximum current ratings for the SVB-F0-R contacts?
    • ⤷ Does this module support SIL (Safety Integrity Level) ratings?
    • ⤷ Is there a solid-state version of this module for high-frequency switching?