전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SVB-FZ-R/K

  • AI
    The **SVB-FZ-R/K** is a high-performance, motorized ball valve assembly frequently used in HVAC, water treatment, and industrial automation systems. The "FZ" series typically refers to a specific actuator pairing known for fast response or high-torque capabilities. --- ### 1. Electronic Components Breakdown The internal electronic architecture of the SVB-FZ-R/K is divided into the **Control Circuitry**, **Actuator Motor**, and **Feedback Mechanism**. | Component | Description | Function | | :--- | :--- | :--- | | **Synchronous Motor** | Brushless AC or DC motor | Drives the internal gear train to rotate the valve stem. | | **Logic Controller** | Internal PCB (Printed Circuit Board) | Processes input signals and manages motor rotation limits. | | **Limit Switches** | Micro-switches (Physical or Magnetic) | Cuts power automatically when the valve reaches fully open or closed positions. | | **Feedback Potentiometer** | Variable resistor (in "R" models) | Provides real-time analog data of the valve's exact percentage of opening. | | **Relay/Triac** | Electronic switching element | Handles the high-current load of the motor via low-voltage control signals. | --- ### 2. Technical Specifications The electronics are designed for durability and precision control. Below are the typical parameters: * **Operating Voltage:** 24V AC/DC or 220V AC (model dependent). * **Control Signals:** * *Floating/3-point:* (Open/Close/Stop). * *Modulating:* 0-10V or 4-20mA (common in "K" variants). * **Power Consumption:** 4VA to 8VA during operation; negligible during standby. * **Protection Class:** IP54 or IP65 (protected against dust and water splashes). --- ### 3. Wiring Configuration The wiring depends on the specific suffix (R or K). Below is a general overview of the 3-wire and 5-wire configurations often used in these units. ```yaml Standard 3-Wire Configuration: Blue (Neutral): Common ground Brown (Live): Drive Open Black (Live): Drive Closed Feedback/Modulating Extension: White/Grey: 0-10V Input signal Green/Yellow: Status feedback signal (0-100% position) ``` ### 4. Key Features (Electronic) 1. **Overload Protection:** The motor detects mechanical resistance and halts to prevent burnout if the valve is clogged. 2. **Manual Override:** Most FZ actuators include a button or lever that electronically decouples the gears for manual adjustment. 3. **Silent Operation:** Uses high-frequency PWM or precision gears to reduce acoustic noise during the 15–90 second stroke time. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and K suffixes in this model?
    • ⤷ How do I troubleshoot a valve that receives power but does not rotate?
    • ⤷ Can the SVB-FZ-R/K be integrated into a Modbus or BACnet network?