전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SVB-G9-R/Q

  • AI
    The **SVB-G9-R/Q** refers to a high-performance, single-axis servo driver (amplifier) from the **Sumitomo Heavy Industries** "SV-Net" or "Mechatrolink" compatible series. It is commonly paired with the **Cyclo Drive** or other precision motion control systems. Below is the breakdown of the electronic components and technical specifications. --- ### 1. Core Technical Specifications The SVB series is designed for precision position and speed control. The "R/Q" suffix usually denotes specific firmware revisions or interface protocols (like Mechatrolink-II). | Feature | Specification | | :--- | :--- | | **Input Voltage** | 3-Phase or Single-Phase 200V - 240V AC | | **Control Interface** | Mechatrolink-II / SV-Net (High-speed serial) | | **Feedback System** | Absolute or Incremental Encoder Support | | **Current Rating** | Dependent on the specific G9 frame size (typically 1.5A to 15A) | | **Cooling** | Natural Cooling or Built-in Fan (model dependent) | --- ### 2. Main Electronic Components The internal architecture of the SVB-G9 series consists of several critical electronic sub-systems: #### A. Power Stage (Inverter) * **IPM (Intelligent Power Module):** Uses high-speed IGBTs (Insulated Gate Bipolar Transistors) to convert DC bus voltage into a 3-phase PWM signal to drive the motor. * **Bridge Rectifier:** Converts incoming AC supply to DC voltage. #### B. Control Logic & Processing * **DSP/FPGA Architecture:** A high-speed Digital Signal Processor handles the PID control loops (Current, Velocity, and Position) at microsecond intervals. * **Memory (EEPROM/Flash):** Stores parameter settings, error logs, and motor tuning profiles. #### C. Interface & Communication * **Communication ASIC:** Specifically handles the **Mechatrolink** protocol, ensuring low-jitter synchronization with the host PLC/Motion Controller. * **Isolation Circuits:** Optocouplers or digital isolators separate the high-voltage power stage from the low-voltage control logic. --- ### 3. Connector Pinout Overview The physical unit typically features the following ports: 1. **CN1 (Control/Comms):** Connection to the Mechatrolink-II network. 2. **CN2 (Encoder):** Feedback input from the motor (typically 17-bit or 20-bit serial encoders). 3. **CN3 (I/O):** Discrete inputs for Limit Switches (OT), Home Sensors, and Brake Control outputs. 4. **L1, L2, L3:** Main AC power input terminals. 5. **U, V, W:** 3-Phase motor output terminals. --- ### 4. Key Diagnostic Indicators The unit features a **7-segment LED display** on the front panel to indicate system status: * **"bb":** Base Block (Safe Torque Off state/Ready). * **"run":** Motor is energized and under control. * **"A.xx":** Alarm code (e.g., A.10 = Overcurrent, A.C9 = Encoder Comm Error). ---
    ✨ Follow-up Questions
    • ⤷ What are the most common alarm codes for the SVB-G9 series?
    • ⤷ How do I configure the Mechatrolink station address on this driver?
    • ⤷ Is the SVB-G9-R/Q compatible with third-party AC servo motors?