전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SVB-GZ-R/K

  • AI
    The **SVB-GZ-R/K** is a specific model identifier typically associated with **Safety Switches** (often from manufacturers like Eaton or Moeller). These components are primarily used in industrial automation and power distribution for motor disconnection and safety interlocking. Below is a breakdown of its electronic and electromechanical components. --- ### 1. General Specifications The device is generally classified as a **Main Switch** or **Emergency-Stop Switch**. | Feature | Description | | :--- | :--- | | **Type** | Rotary Cam / Disconnect Switch | | **Function** | Main, Maintenance, or Repair Switch | | **Handle Color** | Red handle on a Yellow locking ring (K-style) | | **Mounting** | Rear mounting / Door interlocking | --- ### 2. Core Electronic & Electromechanical Parts #### A. Contact Blocks (The Switching Elements) The heart of the SVB-GZ-R/K consists of high-conductivity metal contacts. * **Material:** Usually Silver-plated Copper or Silver-Nickel alloys to ensure low resistance and prevent welding during high-current surges. * **Operation:** Positively driven contacts ensure that the circuit physically breaks when the handle is turned to the "OFF" position. #### B. Rotary Mechanism * **Actuator:** A rugged plastic or metal shaft that translates the rotational motion of the handle into the linear or cam-driven movement of the internal contacts. * **Detent Mechanism:** Spring-loaded components that provide a "snap-action" feel, preventing the switch from staying in a semi-conductive intermediate state. #### C. Safety Interlock Components * **Locking Ring:** A mechanical assembly that allows for **LOTO (Lock-Out Tag-Out)**. It usually supports up to three padlocks to ensure the circuit cannot be energized while maintenance is performed. * **Door Coupling:** The "GZ" designation often refers to a coupling system that allows the switch to be mounted at the back of a cabinet while the handle is on the door. It includes a shaft extension. --- ### 3. Technical Parameters (Typical) | Parameter | Standard Value | | :--- | :--- | | **Rated Operational Voltage ($U_e$)** | 690V AC | | **Rated Uninterrupted Current ($I_u$)** | Ranges from 20A to 100A (Model dependent) | | **Number of Poles** | Usually 3-pole + N/PE options | | **IP Rating** | IP65 (Front side protection against dust/water) | --- ### 4. Wiring Diagram (Simplified) Typical internal connection for a 3-phase system: ```text L1 (1) ----[ Contact ]---- T1 (2) L2 (3) ----[ Contact ]---- T2 (4) L3 (5) ----[ Contact ]---- T3 (6) ^ [ Rotary Actuator ] ``` --- ### Summary of Design The **SVB-GZ-R/K** is designed for high reliability in harsh environments. The **"R/K"** suffix specifically denotes the **Red/Yellow** safety color scheme, indicating it is rated for **Emergency Stop** functionality according to IEC/EN 60204-1 and VDE 0113 standards.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the SVB-GZ-R/K series?
    • ⤷ How does the door interlock mechanism function in the 'GZ' configuration?
    • ⤷ Can auxiliary contacts be added to this specific switch model?