전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SVB-HF-R/CE

  • AI
    The **SVB-HF-R/CE** is a specialized electronic component, typically categorized as a **Safety High-Frequency (HF) Relay** or a specialized switching module often used in automation and security systems. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The SVB-HF-R/CE is designed for high-frequency switching and safety signal processing. It is commonly utilized in environments where electromagnetic compatibility (EMC) and signal integrity are critical. ### 2. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Safety Switching Device / HF Relay | | **Frequency Range** | Optimized for High-Frequency (HF) signal paths | | **Compliance** | CE (Conformité Européenne) certified | | **Mounting** | Typically DIN Rail or PCB depending on the specific sub-series | | **Contact Material** | Often Silver Alloy (Ag) with Gold plating for low-level switching | ### 3. Electronic Architecture The internal circuitry of this part usually consists of several key stages: * **Input Stage:** Contains surge protection (Varistors or TVS Diodes) and optocouplers to provide galvanic isolation between the control circuit and the switching logic. * **Switching Logic:** Utilizes a low-latency relay coil or solid-state MOSFET driver to ensure rapid response times. * **Output Stage:** Features high-grade contacts designed to minimize "contact bounce" and signal distortion, essential for HF applications. * **Filtering:** Integrated LC (Inductor-Capacitor) filters to suppress high-frequency noise and prevent EMI (Electromagnetic Interference) from leaking into the signal line. ### 4. Application Areas 1. **Industrial Automation:** Used in safety loops where a high-frequency trigger signal must be interrupted or routed. 2. **Telecommunications:** Routing of RF/HF signals in testing equipment. 3. **Medical Equipment:** High-speed switching in diagnostic machinery where CE compliance for safety and interference is mandatory. --- ### 5. Part Number Breakdown While manufacturer-specific, the suffix codes generally indicate: * **SVB:** Safety Voltage/Switching Block. * **HF:** High Frequency optimized. * **R:** Relay-based output (electromechanical). * **CE:** Certified for European safety and environmental standards.
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage and current ratings for the SVB-HF-R/CE?
    • ⤷ Is there a solid-state equivalent to this mechanical relay model?
    • ⤷ Which manufacturer produces the SVB-HF-R/CE series?