전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SVB-J8W-R

  • AI
    The **SVB-J8W-R** is a specific electronic component typically categorized as a **Safety Standard Approved Push-button Switch** or a specialized **Interlock/Emergency device**, often manufactured by companies like IDEC or similar industrial control suppliers. Below is a detailed breakdown of its electronic parts and technical specifications. --- ## 1. Technical Specifications The SVB-J8W-R is designed for high reliability in industrial environments. Its electrical and mechanical properties are summarized below: | Feature | Specification | | :--- | :--- | | **Contact Configuration** | Typically 1NC (Normally Closed) or 2NC depending on the sub-series | | **Current Rating** | Up to 10A (Thermal Current) | | **Voltage Rating** | 250V AC/DC | | **Termination Style** | Screw Terminals (designed for ring or fork lugs) | | **Actuator Type** | Mushroom Head / Push-Lock Turn-Reset | | **Color** | Red (indicated by the "-R" suffix) | | **Protection Rating** | IP65 (Water and Dust resistant) | --- ## 2. Key Electronic & Internal Components ### A. Contact Block The heart of the switch is the contact block. In the SVB-J8W-R, these are usually **Gold-clad silver contacts**. * **Purpose:** The gold plating ensures low contact resistance and prevents oxidation, which is critical for low-voltage logic circuits (PLCs). * **Action:** It features "Positive Opening Operation," meaning the contacts are forced apart mechanically even if they weld together. ### B. The Latching Mechanism As a safety-rated part, it contains a mechanical latch. * **Push-Lock:** When pressed, the internal spring-loaded pin locks the contacts in the "Open" state. * **Turn-Reset:** The internal cam mechanism requires a clockwise rotation to release the latch, ensuring the machinery cannot be restarted accidentally. ### C. Housing Materials * **Outer Body:** Polyamide or Polycarbonate (flame retardant). * **Sealing:** Nitrile rubber (NBR) O-rings used to prevent moisture ingress into the electrical terminals. --- ## 3. Circuit Integration Example When wiring the SVB-J8W-R into a control panel, it is usually integrated into a **Safety Relay** or **Emergency Stop Circuit**. ```cpp // Logic flow for Safety Integration if (SVB_J8W_R == OPEN) { Trigger_Safety_Relay(OFF); Cut_Motor_Power(); Signal_Alarm(RED_LIGHT); } ``` --- ## 4. Application Context The "SVB" series is frequently used in: * **Industrial Robotics:** As a local disconnect or E-stop. * **Conveyor Systems:** To kill power to drive motors instantly. * **CNC Machinery:** Integrated into the operator console for immediate hazard mitigation.
    ✨ Follow-up Questions
    • ⤷ What is the mounting hole diameter required for the SVB-J8W-R?
    • ⤷ Does this model support LED illumination for status feedback?
    • ⤷ What is the difference between the -R and -G suffixes in this series?