전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SVB-JE-R/Q

  • AI
    The **SVB-JE-R/Q** refers to a high-performance, modular **Safety Switch** or **Main Disconnect Switch** (often part of the Vario or TeSys series by Schneider Electric). These components are critical for industrial automation and power distribution. ### 1. Key Technical Specifications The "R/Q" designation often refers to the handle type (Red/Yellow for Emergency Stop) and the specific mounting configuration. | Feature | Description | | :--- | :--- | | **Component Type** | Rotary Disconnect Switch / Load Break Switch | | **Poles** | Typically 3-Pole (can be expanded) | | **Current Rating** | Usually ranges from 12A to 175A (depending on frame size) | | **Handle Color** | Red handle on a Yellow plate (Designates Emergency Stop) | | **Mounting** | Door mounted or Back-plate mounted | | **IP Rating** | IP65 (Dust-tight and protected against water jets) | --- ### 2. Internal Electronic & Mechanical Parts While primarily a mechanical device, its "electronic" integration involves how it interfaces with a control circuit. #### A. Main Power Contacts * **Material:** Usually silver-plated copper for high conductivity and arc resistance. * **Function:** Physically breaks the 3-phase power lines to a motor or machine. #### B. Auxiliary Contact Blocks (Optional) * These are smaller electronic switches clipped onto the side of the main body. * **NO/NC Contacts:** Used to send a signal to a PLC (Programmable Logic Controller) or a status light to indicate if the switch is ON or OFF. #### C. Handle Mechanism * **Padlockable:** The handle contains a mechanical lockout mechanism to prevent accidental re-energizing during maintenance (LOTO). * **Interlock:** Prevents the electrical cabinet door from being opened while the power is ON. --- ### 3. Connection Diagram Overview To integrate this part into a system, the following wiring logic is typically used: ```mermaid graph LR L1[Line 1] --> S[SVB-JE Switch] --> M[Motor/Load] L2[Line 2] --> S L3[Line 3] --> S S -.-> PLC[Status Signal to PLC] ``` --- ### 4. Application Use Cases * **Machine Isolation:** Safely cutting power to a specific piece of industrial machinery. * **Emergency Stop:** The Red/Yellow color scheme allows it to be used as a localized emergency disconnect. * **HVAC Systems:** Used to isolate large fan motors or compressors for servicing.
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting dimensions for the SVB-JE-R/Q?
    • ⤷ How do I add auxiliary contacts to this specific switch model?
    • ⤷ What is the maximum voltage rating for this series?