전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SVB-K8W-R/Q

  • AI
    The **SVB-K8W-R/Q** is a high-performance, industrial-grade wireless communication module, typically used in remote control systems for heavy machinery (like cranes, concrete pumps, or forestry equipment). It serves as the primary RF (Radio Frequency) interface between the operator's joystick transmitter and the machine's receiver. ### 1. Technical Specifications Overview The electronic architecture is designed for low latency and high reliability in interference-heavy environments. | Component / Feature | Specification | | :--- | :--- | | **RF Frequency Range** | 433 MHz / 868 MHz / 915 MHz (Region Dependent) | | **Communication Type** | Bi-directional (Transceiver) | | **Modulation** | GFSK (Gaussian Frequency Shift Keying) | | **Operating Voltage** | 3.3V - 5V DC | | **Interface** | UART / Serial / CAN-bus compatible | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Electronic Subsystems #### A. RF Transceiver Section The heart of the module is an integrated RF SoC (System on Chip). - **Frequency Hopping (FHSS):** The electronics are programmed to jump between frequencies automatically to prevent signal jamming. - **Antenna Matching Circuit:** Uses high-Q inductors and capacitors to ensure maximum power transfer to the antenna (usually 50-ohm impedance). #### B. The Microcontroller (MCU) The "Q" and "R" variants often denote specific firmware revisions or hardware roles (Receiver vs. Transmitter). - **Processing:** Handles the encoding/decoding of proprietary safety protocols. - **Error Correction:** Implements CRC (Cyclic Redundancy Check) to ensure that a corrupted bit doesn't cause an accidental machine movement. #### C. Power Management Because these are used in battery-operated handheld units or rugged vehicle systems: - **LDO Regulators:** Integrated Low-Dropout regulators ensure stable voltage even as the battery depletes. - **Sleep Modes:** Logic circuits allow the chip to enter a "Deep Sleep" to conserve power when the remote is not in use. --- ### 3. Pinout and Connectivity Typically, the module connects to the main PCB via a multi-pin header (often 8 to 12 pins). ```text Pin 1: VCC (Power In) Pin 2: GND (Ground) Pin 3: TXD (Data Out) Pin 4: RXD (Data In) Pin 5: RESET (System Reset) Pin 6: RSSI (Signal Strength Indicator) Pin 7: STATUS (LED/Logic Indicator) Pin 8: ANT (Antenna Terminal) ``` --- ### 4. Safety Features (Electronic) The **SVB-K8W** series is designed with "Fail-Safe" logic: 1. **Watchdog Timer:** If the internal software freezes, the hardware automatically resets to prevent "stuck" commands. 2. **Unique ID Coding:** Each module pair has a unique electronic address, so Transmitter A cannot control Receiver B. 3. **Signal Monitoring:** If the RF link drops for more than a few milliseconds, the electronic output triggers an Emergency Stop (E-Stop) relay.
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the R and Q versions of this module?
    • ⤷ How do I configure the frequency hopping settings on the SVB-K8W?
    • ⤷ Which antenna types are most compatible with this RF module for maximum range?