전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SVB-ZZ-R

  • AI
    The **SVB-ZZ-R** typically refers to a specific series of **Rotary Cam Switches** or **Main Disconnect Switches**, often associated with industrial control brands like **Eaton (Moeller)** or similar manufacturers. These are electromechanical components used to safely isolate electrical circuits. --- ### 1. Key Component Breakdown The part number identifies several specific electronic and mechanical characteristics: | Feature | Description | | :--- | :--- | | **Main Switch Body** | The core housing containing the silver-alloy contacts and the spring-loaded switching mechanism. | | **Rotary Handle** | A red/yellow emergency stop handle (indicated by "R") designed for high visibility. | | **Locking Ring** | A built-in feature that allows the switch to be padlocked in the "OFF" position for maintenance safety (LOTO). | | **Terminal Blocks** | Screw-type terminals usually rated for Finger-Proof safety (IP20) to prevent accidental contact. | --- ### 2. Electrical Specifications While specific ratings depend on the frame size (e.g., T0, T3, P1), the "SVB-ZZ-R" configuration generally adheres to these standards: * **Voltage Rating:** Typically rated for up to **690V AC**. * **Current Capacity:** Varies by model (standard ranges include 20A, 25A, 32A, up to 100A+). * **Switching Angle:** Usually a **90-degree** throw between the "0" (Off) and "1" (On) positions. * **Ingress Protection:** The front face is often rated **IP65**, making it dust-tight and protected against water jets. --- ### 3. Functional Electronic Parts | Part | Function | | :--- | :--- | | **Contacts** | Usually double-break contacts made of silver-nickel or silver-tin-oxide for high conductivity and arc resistance. | | **Auxiliary Contacts** | (Optional) Smaller internal switches used to send signals to a PLC or controller regarding the switch status. | | **Shaft Extension** | A metal or rigid plastic rod that connects the external handle to the internal switch body inside a cabinet. | --- ### 4. Typical Applications * **Emergency Stop:** The red/yellow color scheme designates it for emergency power disconnection. * **Motor Disconnect:** Used to manually isolate a motor from its power source for repair. * **Industrial Control Panels:** Acts as the primary power entry and safety shut-off point.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the P1-series SVB switches?
    • ⤷ How do I wire auxiliary contacts into an SVB-ZZ-R switch?
    • ⤷ Is the SVB-ZZ-R compatible with NEMA 4X enclosures?