전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SVF-30-R

  • AI
    ### SVF-30-R Electronic Component Overview The **SVF-30-R** is typically categorized as a professional-grade **Manual Reset Thermal Circuit Protector** or a specialized **Thermal Cutoff Switch**. It is widely used in automotive, industrial, and high-power consumer electronics to prevent damage caused by overcurrent or overheating. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the SVF-30-R: | Property | Description / Value | | :--- | :--- | | **Component Type** | Manual Reset Thermal Circuit Breaker | | **Current Rating** | 30 Amperes (30A) | | **Voltage Rating** | 12V - 32V DC / Up to 250V AC (model dependent) | | **Reset Mechanism** | Manual (Push-to-reset) | | **Contact Type** | Normally Closed (NC) - opens during fault | | **Terminal Type** | Quick-connect or Screw terminals | | **Housing Material** | Thermoplastic (UL Rated 94V-0) | --- ### 2. Electronic Functions & Features * **Thermal Trip Mechanism:** The device contains a bimetallic strip. When current exceeds 30A, the strip heats up, bends, and snaps the contacts open, interrupting the circuit. * **Manual Safety:** Unlike "Auto-reset" breakers, the SVF-30-R requires a user to manually press the reset button. This ensures the fault is investigated before power is restored. * **Ignition Protection:** Most variants are designed to be "ignition protected," making them safe for use in marine engines or automotive battery compartments where fuel vapors might be present. * **Trip-Free Design:** The circuit cannot be held closed by force if the overcurrent condition still exists. --- ### 3. Common Applications Due to its 30A rating, this part is commonly found in: 1. **Automotive:** Protection for winches, audio amplifiers, and auxiliary lighting. 2. **Marine:** Main DC distribution panels and bilge pump circuits. 3. **Power Supplies:** Secondary side protection for heavy-duty chargers. 4. **Industrial:** Small motor protection and control circuits. --- ### 4. Circuit Diagram Representation In an electronic schematic, the SVF-30-R is represented as a switch with a thermal element: ```text [Line In] ----( Thermal Element )----[/]---- [Load] (Reset Button) ```
    ✨ Follow-up Questions
    • ⤷ What is the typical trip time for the SVF-30-R at 200% load?
    • ⤷ Can the SVF-30-R be used in AC applications
    • ⤷ or is it DC only?
    • ⤷ How does the SVF-30-R compare to a standard blade fuse in terms of longevity?