전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SVF-4WD-R

  • AI
    The **SVF-4WD-R** is a specialized robotic platform, typically associated with educational or competitive mobile robotics (such as the Silver-Floe or similar 4WD chassis kits). It is designed to be a versatile base for autonomous navigation and remote control. Below is a breakdown of the primary electronic components found in the SVF-4WD-R system. --- ### 1. Core Electronic Components | Component | Description | Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Usually an Arduino-compatible or ESP32 board. | The "brain" that processes sensor data and executes code. | | **DC Gear Motors** | 4x High-torque motors (often 6V-12V). | Provides locomotion to each of the four wheels. | | **Motor Driver Module** | Typically an L298N or TB6612FNG Dual H-Bridge. | Interfaces between the MCU and motors to control speed and direction. | | **Power Source** | Li-ion (18650) or Li-Po battery pack. | Provides the high current required for motors and logic circuits. | ### 2. Sensing and Navigation Electronics To make the SVF-4WD-R "intelligent," the following sensors are usually integrated into the electronic stack: * **Ultrasonic Sensor (HC-SR04):** Measures distance to obstacles using sound waves. * **Line Tracking Sensors:** Infrared (IR) emitter/receiver pairs used to follow black lines on a white floor. * **MPU6050 (IMU):** A combined Gyroscope and Accelerometer used to maintain balance or track heading. * **Speed Encoders:** Optical discs mounted on motor shafts to measure RPM and distance traveled. ### 3. Communication Modules The "R" in the model often signifies Remote or Radio capability. It utilizes one of the following: * **Bluetooth (HC-05/06):** For control via a smartphone app. * **2.4GHz RF Module (nRF24L01):** For long-range remote control using a dedicated joystick. * **Wi-Fi:** If using an ESP32, allowing for IoT-based control and telemetry. --- ### 4. Wiring and Power Distribution The electronics are connected through a **Power Distribution Board (PDB)** or a custom expansion shield. This ensures: 1. **Voltage Regulation:** Stepping down battery voltage (e.g., 7.4V) to a steady 5V for the sensors and MCU. 2. **Common Ground:** Ensuring all electronic parts share a reference point to prevent signal noise. ```cpp // Example: Basic Motor Control Logic (Pseudo-code) void moveForward(int speed) { digitalWrite(MOTOR_A_IN1, HIGH); digitalWrite(MOTOR_A_IN2, LOW); analogWrite(MOTOR_A_PWM, speed); // Control Velocity } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage input for the SVF-4WD-R motor driver?
    • ⤷ How do I calibrate the line-tracking sensors on this platform?
    • ⤷ Can the SVF-4WD-R be upgraded to support ROS (Robot Operating System)?