전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SVF-AD-R/Q

  • AI
    The **SVF-AD-R/Q** series typically refers to specific electronic components, most commonly high-voltage power MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors) manufactured by Silan Microelectronics. These are widely used in power conversion and switching applications. --- ### 1. General Specifications These parts are N-channel enhancement mode power transistors produced using proprietary F-Cell™ structure cell technology. This technology is designed to minimize on-state resistance and provide superior switching performance. | Parameter | SVF4N60AD (Typical Example) | SVF7N60AD (Typical Example) | | :--- | :--- | :--- | | **Type** | N-Channel MOSFET | N-Channel MOSFET | | **Drain-Source Voltage (Vdss)** | 600V | 600V | | **Continuous Drain Current (Id)** | 4.0A | 7.0A | | **RDS(on) Max** | 2.5 $\Omega$ | 1.2 $\Omega$ | | **Package Options** | TO-252 (DPAK) / TO-220F | TO-252 / TO-220F | --- ### 2. Suffix Meaning (R/Q) In the Silan Microelectronics naming convention, the suffixes often denote packaging or specific electrical grading: * **AD:** Generally refers to the package type (often **TO-252**, also known as DPAK), which is a surface-mount plastic package. * **R/Q:** These usually represent "Tape and Reel" (R) or specific "Quality/Binning" (Q) indicators. In many cases, **R** stands for **RoHS compliant** or **Reel** packaging for automated assembly. --- ### 3. Key Electronic Characteristics These components are favored in power supply design due to the following traits: 1. **Low Gate Charge (Qg):** Reduces the power required to drive the transistor, allowing for faster switching speeds and higher efficiency. 2. **High Ruggedness:** Features a high **Avalanche Energy (EAS)** rating, meaning the device can withstand voltage spikes or inductive energy kickbacks without failing. 3. **Low Crss:** Low reverse transfer capacitance improves the stability of the switching circuit. --- ### 4. Typical Applications The SVF-AD series is commonly found in the primary side of switching circuits: * **Switch Mode Power Supplies (SMPS):** Used as the main switching element in AC-DC adapters. * **LED Drivers:** Providing power regulation for high-brightness LED strings. * **Electronic Ballasts:** Used in lighting control circuits. * **DC-DC Converters:** For voltage step-down or step-up in industrial equipment. --- ### 5. Circuit Symbol & Pinout For the AD (TO-252) package, the pin configuration is standard: ```text Pin 1: Gate (G) -> Control signal input Pin 2: Drain (D) -> Connected to the load (Case is also Drain) Pin 3: Source (S) -> Connected to the common ground/return ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the SVF-AD and SVF-F series in terms of heat dissipation?
    • ⤷ Can you provide the maximum gate-source voltage (Vgs) for these MOSFETs?
    • ⤷ How does the F-Cell technology impact the total power loss in a circuit?