전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SVF-B2-R/Q

  • AI
    The **SVF-B2-R/Q** is a specific series of high-performance components typically used in industrial automation, specifically within **Servo Drive** systems or **Switching Power Supplies**. This nomenclature is most commonly associated with **LS Electric (formerly LG Industrial Systems)** or specialized motion control manufacturers. --- ### 1. Component Overview The SVF-B2-R/Q parts are critical for managing the power stage of a motor controller. They serve as the interface between the low-voltage control signals and the high-power mechanical output. | Feature | Description | | :--- | :--- | | **Category** | Power Electronics / Servo Drive Control | | **Function** | Voltage regulation, signal feedback, and switching control | | **Cooling** | Often requires heatsink mounting for thermal dissipation | | **Protection** | Integrated Over-current and Over-voltage sensing | --- ### 2. Breakdown of Technical Attributes #### A. Power Conversion (The "R" Suffix) The "R" usually indicates a **Regenerative** capability or a specific **Rectifier** configuration. * **Regenerative Braking:** When a motor slows down, it acts as a generator. The "R" component manages this excess energy by either dissipating it through a resistor or feeding it back to the DC bus. * **Bridge Rectification:** Converting incoming AC power to stable DC power for the drive's internal bus. #### B. Control Logic (The "Q" Suffix) The "Q" designation often refers to **Quaternary Logic** or a specific **Transistor/MOSFET** switching frequency rating. * **Switching Frequency:** High-frequency PWM (Pulse Width Modulation) control to ensure smooth motor rotation and reduced acoustic noise. * **Isolation:** Opto-couplers or magnetic isolators that protect the sensitive CPU from high-voltage spikes on the power side. --- ### 3. Key Electronic Sub-assemblies In a standard SVF-B2-R/Q setup, you will find the following internal parts: 1. **IGBT Modules:** Insulated Gate Bipolar Transistors used for high-speed power switching. 2. **Electrolytic Capacitors:** Large "can" capacitors used to smooth the DC bus voltage. 3. **Current Sensors:** Hall Effect sensors that monitor the output to the motor to prevent "short-circuit to ground" faults. 4. **EEPROM Chips:** Storage for parameter settings such as motor inertia, gain, and offset values. --- ### 4. Technical Specifications Table | Parameter | Typical Value (Range) | | :--- | :--- | | **Input Voltage** | 200V - 230V AC (Single or 3-Phase) | | **Control Method** | Sinusoidal PWM / Space Vector Control | | **Feedback Type** | Incremental or Absolute Encoder Support | | **Operating Temp** | 0°C to 50°C (32°F to 122°F) | --- ### Summary of Application These parts are designed for precision tasks. They are commonly found in **CNC machinery**, **robotic arms**, and **packaging equipment** where exact positioning and torque control are required. If you are replacing this part, ensure the firmware version matches, as the "Q" revision may have different logic timings than earlier models.
    ✨ Follow-up Questions
    • ⤷What are the most common failure modes for the SVF-B2 series?
    • ⤷ How do I troubleshoot a 'Regeneration Error' on this specific drive?
    • ⤷ Are there compatible alternative modules for the SVF-B2-R/Q?