SVF-DC-R/Q
AI

The **SVF-DC-R/Q** series typically refers to electronic components used in power distribution and safety systems, specifically **DC Disconnect Switches** or **Surge Protective Devices (SPDs)** often found in solar (PV) installations.
Below is a breakdown of the electronic and mechanical parts associated with these types of components.
---
## 1. Core Component Overview
These parts are designed to handle Direct Current (DC) loads, which are significantly harder to interrupt than Alternating Current (AC) because DC does not have a "zero-crossing" point to naturally extinguish an arc.
| Component Part | Description | Function |
| :--- | :--- | :--- |
| **Contact System** | Silver-plated copper contacts | Ensures low resistance and high conductivity during operation. |
| **Arc Chute** | Metal grid/plates | Splits and cools the electric arc formed during disconnection. |
| **Toggle/Rotary Handle** | Ergonomic actuator | Provides the physical interface for manual switching. |
| **MOV (If SPD)** | Metal Oxide Varistor | Clamps voltage spikes to protect downstream electronics. |
| **Terminal Blocks** | Screw or Spring clamp | Secure connection points for high-gauge DC wiring. |
---
## 2. Technical Specifications
The "R/Q" suffix usually denotes specific mounting or certification variations (e.g., Rail-mount vs. Panel-mount, or specific Quality standards).
### Electrical Characteristics
* **Rated Voltage ($U_e$):** Typically ranges from **600V DC to 1500V DC**.
* **Rated Current ($I_e$):** Usually available between **16A and 63A**.
* **Insulation Voltage ($U_i$):** Often rated at **1000V+** to prevent dielectric breakdown.
* **Impulse Withstand ($U_{imp}$):** Usually **8kV**, protecting against lightning surges.
---
## 3. Internal Safety Mechanisms
1. **High-Speed Switching:** The internal spring mechanism ensures that the contacts open or close rapidly, independent of how fast the user turns the handle. This minimizes "arcing" time.
2. **Polarity Sensitivity:** Most DC components in this series are non-polarized, meaning they can handle current flow in either direction, which is critical for solar string inverters.
3. **Thermal Protection:** Integrated thermal disconnects prevent the unit from catching fire if a surge protector reaches its end-of-life.
---
## 4. Wiring Diagram (Logic)
```mermaid
graph LR
A[PV Panels] --> B[SVF-DC-R Switch]
B --> C[DC/AC Inverter]
B -.-> D[Ground/Earth]
```
---
- ⤷
What is the difference between the R and Q versions in terms of mounting?
- ⤷ Can this component be used for AC circuits
- ⤷ or is it strictly DC?
- ⤷ What is the maximum short-circuit breaking capacity for this series?