전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SVF-WB-R

  • AI
    The **SVF-WB-R** is an industrial-grade **Single-Phase Variable Frequency Drive (VFD)** specifically designed for fan and pump applications. It is part of the "SVF" series, known for being a cost-effective, compact solution for basic motor speed control. ### 1. Key Technical Specifications The following table outlines the primary electronic parameters of the SVF-WB-R series: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 1-Phase 200V - 240V AC (+/- 15%) | | **Output Voltage** | 3-Phase 0 - Input Voltage Level | | **Output Frequency** | 0.00Hz to 400.00Hz | | **Control Mode** | V/f Control (Voltage/Frequency) | | **Overload Capacity** | 150% for 60 seconds; 180% for 3 seconds | | **Cooling Method** | Forced Air Cooling (Heatsink + Fan) | --- ### 2. Main Electronic Components & Internal Architecture The SVF-WB-R consists of several critical electronic sub-systems: * **Rectifier Bridge:** Converts the incoming 230V AC (Single Phase) into a DC voltage. * **DC Bus (Capacitor Bank):** High-voltage electrolytic capacitors that smooth the rectified DC ripple and store energy for peak loads. * **IGBT Inverter Module:** The "heart" of the drive. It uses Insulated Gate Bipolar Transistors to switch the DC bus voltage on and off rapidly, creating a Pulse Width Modulated (PWM) wave that mimics AC for the motor. * **Control Board (MCU):** A microprocessor that handles the PID loops, logic inputs, and protection algorithms. --- ### 3. I/O Terminals and Interfaces The electronic interface allows for integration into automation systems via the following terminals: * **Analog Inputs:** Typically 0-10V or 4-20mA for speed reference. * **Digital Inputs:** Multi-function terminals for Forward/Reverse, Jog, and Multi-speed steps. * **Relay Output:** A programmable fault relay to signal the status to a PLC or external alarm. * **RS485 Port:** Standard Modbus RTU communication for remote monitoring and control. --- ### 4. Protection Circuitry The device includes onboard sensors to protect both the drive and the motor from: 1. **Overcurrent:** Instantaneous trip if the motor draws too much power. 2. **Overvoltage/Undervoltage:** Monitors the DC bus levels to prevent capacitor damage. 3. **Overheat:** Thermistors mounted on the IGBT heatsink trigger a shutdown if temperatures exceed safety limits.
    ✨ Follow-up Questions
    • ⤷ How do I wire a potentiometer to the SVF-WB-R for manual speed control?
    • ⤷ Does the SVF-WB-R support Modbus RTU communication parameters?
    • ⤷ What are the common error codes (like E.OC) for this specific VFD model?