전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SVS-36-R

  • AI
    The **SVS-36-R** is a high-performance, programmable DC power supply belonging to the **SVS Series** (often associated with brands like Sorensen or specialty industrial power system manufacturers). It is designed to provide stable, regulated DC voltage and current for laboratory testing, burn-in systems, and industrial automation. --- ### ## 1. Key Specifications The electronic performance of the SVS-36-R is defined by its output capacity and precision control. | Feature | Specification | | :--- | :--- | | **Output Voltage Range** | 0 to 36V DC | | **Output Current Range** | 0 to R-value (typically 10A - 30A depending on sub-model) | | **Regulation Mode** | Constant Voltage (CV) / Constant Current (CC) | | **Input Voltage** | Universal AC Input (90–264 VAC) | | **Interface** | Analog Control / RS232 / USB (Optional) | --- ### ## 2. Internal Electronic Components The device utilizes a sophisticated architecture to convert AC mains into precise DC power. #### ### A. Power Conversion Stage * **EMI Filter:** High-grade capacitors and inductors at the input stage to prevent electrical noise from leaking back into the AC line. * **PFC Circuit (Power Factor Correction):** Active PFC electronics ensure high efficiency and reduce harmonic distortion. * **Switching Regulators:** Uses high-frequency MOSFETs or IGBTs to step down voltage with minimal heat loss compared to linear supplies. #### ### B. Control & Logic Circuitry * **Microcontroller Unit (MCU):** The "brain" that manages the digital display, user inputs, and safety protocols. * **Precision DAC/ADC:** Digital-to-Analog converters translate your digital settings into physical voltage levels; Analog-to-Digital converters provide real-time monitoring feedback. * **Operational Amplifiers (Op-Amps):** Low-noise amplifiers used in the feedback loop to maintain a steady output despite load changes. #### ### C. Protection Mechanisms To protect the "Device Under Test" (DUT), the SVS-36-R integrates several electronic safeguards: 1. **OVP (Over Voltage Protection):** Shuts down the output if the voltage exceeds a preset limit. 2. **OCP (Over Current Protection):** Prevents damage if a short circuit occurs. 3. **OTP (Over Temperature Protection):** Thermistors monitor internal heat sinks and trigger cooling fans or shutdowns. --- ### ## 3. Connectivity & Integration The electronic interface on the rear panel allows for system integration: * **Remote Sense Terminals:** Compensates for voltage drops across long lead wires by measuring voltage directly at the load. * **Analog Programming:** Allows external 0-5V or 0-10V signals to control the output voltage and current. * **Isolation:** The output is electronically isolated from the chassis ground to prevent ground loops in sensitive testing environments.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the voltage accuracy of the SVS-36-R?
    • ⤷ What are the specific communication protocols supported for remote control?
    • ⤷ Does this model support series or parallel configurations for higher output?