AI

The **SW115D15ESMF** is a high-performance, compact **DC-DC Converter** module, typically part of a series designed for industrial, telecommunications, and high-reliability applications. It is engineered to provide a stable 15V output from a wide range input.
---
## 1. Core Technical Specifications
The part number follows a standard naming convention for power modules. Below is a breakdown of its primary electronic characteristics:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Input Voltage Range** | 9V to 18V DC (Nominal 12V) |
| **Output Voltage** | +15V DC |
| **Output Current** | ~1.0A to 1.5A (depending on thermal conditions) |
| **Efficiency** | Up to 88% - 92% |
| **Isolation Voltage** | 1500V DC to 2250V DC |
| **Package Style** | Surface Mount (SMD) / Flat Pack |
---
## 2. Key Internal Components
The SW115D15ESMF operates as a **Switching Regulator** (usually a Buck-Boost or Isolated Flyback topology). Its internal architecture includes:
### A. Power MOSFETs
High-frequency switches that toggle the input current. These are optimized for low Rds(on) to minimize heat loss during operation.
### B. Planar Transformer
Unlike traditional wire-wound transformers, many "SMF" (Surface Mount Family) modules use **Planar Transformers**. These use PCB copper layers for windings, resulting in a lower profile and better thermal management.
### C. PWM Controller
The "brain" of the unit. It monitors the output voltage and adjusts the duty cycle of the MOSFETs to maintain a precise 15V output, even if the input voltage fluctuates or the load changes.
### D. Multi-Layer Ceramic Capacitors (MLCCs)
Internal filtering components that reduce "Ripple and Noise" on the output line, ensuring sensitive electronic circuits receive clean power.
---
## 3. Protection Features
This part is designed with integrated safety protocols to prevent damage to the module or the connected load:
1. **Over-Current Protection (OCP):** Automatically limits current if a short circuit occurs.
2. **Over-Voltage Protection (OVP):** Shuts down or clamps the output if it exceeds safe levels (e.g., >16.5V).
3. **Thermal Shutdown:** If the internal temperature exceeds a threshold (typically 100°C-125°C), the device stops switching to cool down.
---
## 4. Pin Configuration and Integration
As an SMD part, it is designed for automated pick-and-place assembly.
```text
Typical Pinout Logic:
Pin 1: +Vin (Positive Input)
Pin 2: -Vin (GND/Return)
Pin 3: Remote On/Off (Optional Control)
Pin 4: +Vout (15V Output)
Pin 5: -Vout (Common/Return)
Pin 6: Trim (Adjustable output via external resistor)
```
- ⤷
What are the specific thermal derating requirements for this module?
- ⤷ Can the 15V output be adjusted using the 'Trim' pin?
- ⤷ What is the recommended footprint for soldering this SMD part?