전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SWT6-R3RTR

  • AI
    The **SWT6-R3RTR** is a specific model of a **Tactile Switch** (also known as a momentary push-button switch). It is widely used in consumer electronics, automotive controls, and industrial interfaces due to its compact size and reliable "click" feedback. --- ### 1. Technical Specifications The part number typically breaks down into its physical and electrical characteristics. Below is a summary of the typical specifications for this series: | Property | Description | | :--- | :--- | | **Switch Type** | Tactile (Momentary) | | **Circuit** | SPST-NO (Single Pole Single Throw - Normally Open) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Actuator Height** | Standard (Often 4.3mm or 5.0mm depending on specific series) | | **Operating Force** | 160gf to 250gf (Grams-force) | | **Contact Rating** | 50mA @ 12V DC | | **Contact Resistance** | 100 mΩ Max | | **Packaging** | Tape & Reel (indicated by the "TR" suffix) | --- ### 2. Physical Components The SWT6-R3RTR consists of four primary internal electronic/mechanical parts: 1. **Actuator (Button):** The top plastic piece that the user presses. In the "R3" designation, this is usually a round stem. 2. **Contact Dome:** A snap-acting metal disc. When pressed, it collapses to complete the circuit and provides the "tactile" click feel. 3. **Base (Housing):** High-temperature plastic (LCP or Nylon) designed to withstand SMT reflow soldering temperatures. 4. **Terminals:** Silver or gold-plated copper alloy pins that are soldered to the PCB. --- ### 3. Footprint and Layout As an SMD component, it is designed for automated pick-and-place assembly. The "6" in the prefix usually denotes a **6mm x 6mm** body size. ```c // Typical Schematic Representation (Pin 1) ---/ --- (Pin 2) Switch (Pin 3) --------- (Pin 4) // Pins 1-2 and 3-4 are usually internally connected // to provide structural stability on the PCB. ``` --- ### 4. Applications * **User Interfaces:** Volume buttons on smart speakers or control panels. * **Reset Buttons:** Embedded on PCBs for microcontrollers (like Arduino or ESP32). * **Home Appliances:** Control buttons on microwaves, washing machines, or coffee makers. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between through-hole and SMD tactile switches?
    • ⤷ How many cycles is the SWT6-R3RTR typically rated for?
    • ⤷ Can this switch be used for high-voltage AC applications?