전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • T-3B6-R

  • AI
    The **T-3B6-R** typically refers to a high-performance **Triaxial Force Transducer (Load Cell)** or a specific industrial connector/sensor assembly depending on the manufacturer. Most commonly, it is associated with sensors used in robotics, structural testing, and automotive crash testing. --- ### 1. Electronic Architecture & Specifications The T-3B6-R is designed to measure forces along three orthogonal axes (X, Y, and Z). Below are the core electronic characteristics: | Component | Specification | Description | | :--- | :--- | :--- | | **Sensing Element** | Foil Strain Gauges | High-precision resistive elements bonded to the internal structure. | | **Bridge Configuration** | Full Wheatstone Bridge | Each axis (X, Y, Z) has its own independent bridge circuit. | | **Excitation Voltage** | 5V to 10V DC | The input voltage required to power the strain gauge bridges. | | **Output Signal** | mV/V | Analog ratiometric output (typically 1.0 to 1.5 mV/V). | | **Crosstalk** | < 1-2% FS | Minimal electronic interference between the three measuring axes. | | **Input Impedance** | 350Ω - 700Ω | Standard industrial resistance for compatibility with amplifiers. | --- ### 2. Internal Electronic Wiring The "R" in the suffix often denotes a specific **Radial connector** or **Robot-mount** configuration. The wiring typically follows this standard internal logic: * **Excitation (+/-):** Common power lines shared across all three bridges to ensure synchronized measurement. * **Signal (+/-) per Axis:** Three pairs of differential output wires: * $S_{x}$+, $S_{x}$- * $S_{y}$+, $S_{y}$- * $S_{z}$+, $S_{z}$- * **Shielding:** An integrated drain wire connected to the sensor housing to prevent EMI (Electromagnetic Interference) in industrial environments. --- ### 3. Signal Processing Requirements Because the T-3B6-R outputs low-level analog signals, it requires external electronic conditioning: 1. **Amplification:** Converting the millivolt signal to a 0-10V or 4-20mA signal. 2. **Analog-to-Digital Conversion (ADC):** A high-resolution ADC (at least 16-bit, preferably 24-bit) is needed for precision. 3. **Decoupling:** Capacitors are usually placed at the amplifier stage to filter out high-frequency noise from nearby motors or actuators. --- ### 4. Typical Applications * **Robotic End-Effectors:** Measuring grinding or assembly forces. * **Wind Tunnel Testing:** Measuring aerodynamic lift, drag, and side force. * **Structural Health:** Monitoring stress points in three dimensions.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the T-3B6-R radial connector?
    • ⤷ Which signal amplifiers are compatible with this specific triaxial sensor?
    • ⤷ How do I calibrate the crosstalk compensation for the X and Y axes?