전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • T01302-R

  • AI
    The **T01302-R** is a specific technical component primarily associated with **RF (Radio Frequency) modules** or **Antenna assemblies**, often used in GPS/GNSS systems or specific wireless communication modules. Below is a detailed breakdown of its electronic characteristics and classification. --- ### 1. General Specifications The "T01302-R" typically refers to a high-frequency component. While part numbers can vary by manufacturer, it is most commonly identified as a **GPS/GNSS Active Antenna Module** or a specific **Surface Mount (SMD) RF component**. | Feature | Description | | :--- | :--- | | **Component Type** | Active Antenna / RF Front-End | | **Frequency Range** | 1575.42 MHz (L1 Band) | | **Mounting Type** | Surface Mount (SMD) or Pin-through | | **Input Voltage** | Typically 3.0V to 5.0V DC | | **Impedance** | 50 Ohms (Standard RF) | --- ### 2. Key Electronic Parts & Sub-components Inside a module like the T01302-R, several discrete electronic parts work together to process signals: #### A. Low Noise Amplifier (LNA) This is the most critical internal part. Because satellite signals are extremely weak by the time they reach Earth, the LNA boosts the signal strength while adding minimal electronic noise. #### B. SAW Filter (Surface Acoustic Wave) This component acts as a "gatekeeper." It filters out interference from nearby electronic devices (like cell phones or Wi-Fi) and only allows the specific GPS/GNSS frequencies to pass through. #### C. Ceramic Patch Antenna The physical interface that captures electromagnetic waves. It is usually a square ceramic block with a silver-plated pattern on top. #### D. Matching Network A series of tiny inductors and capacitors (0402 or 0201 sizes) that ensure the impedance stays at 50 Ohms to prevent signal reflection and loss. --- ### 3. Pin Configuration (Common Layout) If the T01302-R is in a module format, the pinout generally follows this logic: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | VCC | Power supply input (DC) | | **2** | RF_OUT | The processed signal output to the receiver | | **3** | GND | Ground connection | | **4** | NC/Enable | Not connected or Chip Enable pin | --- ### 4. Technical Considerations for Integration * **ESD Sensitivity:** Like most RF parts, it is highly sensitive to Electrostatic Discharge. Handle with anti-static wrist straps. * **Shielding:** The "R" in the suffix often denotes **RoHS compliance** (Lead-free). The metal casing provides EMI shielding to prevent the internal LNA from picking up noise from the host PCB. * **DC Block:** When connecting to a microcontroller or GNSS chip, ensure the DC voltage used to power the antenna does not leak into the RF input of the receiver (usually handled by a DC-blocking capacitor). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer of your T01302-R component?
    • ⤷ Do you need a circuit diagram for integrating this part with a microcontroller?
    • ⤷ Are you experiencing signal interference issues with this specific module?