전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • T225L-R10-KB

  • AI
    Based on the part number provided, the **T225L-R10-KB** typically refers to a high-precision, high-power **wirewound resistor**, often used in industrial or sensing applications. Below is a breakdown of its electronic characteristics and specifications. --- ## 1. Part Number Breakdown The alphanumeric code follows a standard naming convention for electronic components (specifically resistors): | Component Segment | Description | Meaning | |:---|:---|:---| | **T225** | Series / Frame Size | Indicates a 225-Watt power rating or specific frame size. | | **L** | Mounting / Terminal | Often denotes "Lug" terminals for bolt-on connections. | | **R10** | Resistance Value | The "R" acts as a decimal point. **0.10 Ohms (Ω)**. | | **K** | Tolerance | Indicates a **±10%** resistance tolerance. | | **B** | Packaging/Finish | Usually refers to Bulk packaging or a specific coating (e.g., Enamel). | --- ## 2. Technical Specifications These parts are designed for heavy-duty electrical loads and heat dissipation. ### Electrical Characteristics * **Resistance:** 0.1 Ω (Low resistance, often used for current sensing or shunting). * **Power Rating:** 225 Watts (Assuming standard series naming). * **Tolerance:** ±10% (Common for high-power wirewound components). * **Type:** Wirewound (Resistive wire wrapped around a ceramic core). ### Physical Construction * **Core:** Steatite or Alumina ceramic for high thermal stability. * **Coating:** Vitreous enamel or silicone for environmental protection and insulation. * **Terminals:** Solder lugs or bolt-on terminals to handle high current without melting. --- ## 3. Typical Applications Because of the low resistance (0.1Ω) and high wattage (225W), this part is commonly found in: 1. **Dynamic Braking:** Dissipating energy from motors in industrial machinery. 2. **Current Sensing:** Measuring high-current flow by monitoring the voltage drop across the 0.1Ω resistance. 3. **Load Banks:** Used to simulate electrical loads for testing power supplies or batteries. 4. **Inrush Current Limiting:** Protecting circuits from sudden power spikes during startup. --- ## 4. Safety and Installation * **Heat Dissipation:** At 225W, this component will get extremely hot. It requires adequate airflow or mounting to a heat-conducting chassis. * **Inductance:** Being wirewound, this resistor has inherent inductance and may not be suitable for high-frequency switching applications.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle at 225W?
    • ⤷ Are there non-inductive versions of this specific resistor series?
    • ⤷ How does the vitreous enamel coating compare to silicone for high-heat applications?