전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • T225R-R10-KB

  • AI
    The **T225R-R10-KB** is a specific part number typically associated with a **Precision Power Resistor**. Based on the nomenclature often used by manufacturers like Vishay or Ohmite, this component is designed for high-power applications requiring tight tolerance. --- ### 1. Component Specifications The part number can be broken down into its technical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | Power Resistor | Designed to dissipate heat during operation. | | **Resistance Value** | 0.10 $\Omega$ (R10) | A very low resistance value, often used for current sensing. | | **Tolerance** | $\pm 10\%$ (K) | The "K" suffix usually denotes a 10% accuracy range. | | **Package/Series** | T225 | Refers to the physical size and power rating (often 225 Watts). | | **Mounting** | Bulk/Bracket | Usually tubular or chassis-mounted with terminals. | --- ### 2. Key Electronic Features #### A. Power Handling The "225" in the prefix typically indicates a **225-Watt** power rating. This means the component is capable of handling significant current without failing, provided there is adequate airflow or heat sinking. #### B. Current Sensing (Shunt) Because the resistance is so low (0.10 Ohms), this resistor is frequently used as a **shunt resistor**. * **Formula:** $V = I \times R$ * By measuring the voltage drop ($V$) across this resistor, a control circuit can calculate the exact current ($I$) flowing through the system. #### C. Wirewound Construction Most resistors in this category are **wirewound**. A resistive wire (like Nichrome) is wound around a ceramic core and coated with vitreous enamel or silicone. This construction allows for: * High stability. * Ability to withstand high-temperature surges. --- ### 3. Common Applications Due to its high power rating and low resistance, the T225R-R10-KB is found in industrial environments: * **Motor Control:** Used for braking or starting current limitation. * **Power Supplies:** Acts as a load bank for testing high-output power units. * **Inverters:** Used in large-scale DC to AC conversion systems. * **Dynamic Braking:** Dissipating kinetic energy from electric motors as heat. --- ### 4. Safety and Installation * **Heat Dissipation:** At full load, this component will become extremely hot. It must be mounted away from heat-sensitive components. * **Inductance:** Being wirewound, it may have some parasitic inductance, making it less suitable for high-frequency switching applications compared to non-inductive versions.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle at 225 Watts?
    • ⤷ Does this model come in a non-inductive (NI) version for high-frequency use?
    • ⤷ What are the physical dimensions and mounting requirements for a T225 series resistor?