전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • T48C862-R8

  • AI
    The **T48C862-R8** is a specialized, highly integrated microcontroller designed primarily for **Remote Keyless Entry (RKE)** and **Tire Pressure Monitoring Systems (TPMS)**. It is manufactured by Atmel (now part of Microchip Technology). Below is a detailed breakdown of its electronic components and architecture. --- ### 1. Core Architecture The device is based on the **MARC4** 4-bit core architecture. While 4-bit might seem obsolete for general computing, it is highly optimized for extremely low power consumption and specific control tasks in automotive environments. | Feature | Specification | | :--- | :--- | | **CPU Core** | MARC4 4-bit Harvard Architecture | | **Instruction Set** | Optimized for bit manipulation and low-power timing | | **Operating Voltage** | 2.0V to 4.0V (Ideal for Li-ion coin cells) | | **Clock Speed** | Up to 4 MHz (Internal RC or Crystal) | --- ### 2. Integrated RF Transmitter The "R8" in the suffix typically denotes the specific frequency band or configuration. This chip integrates a fractional-N PLL (Phase Locked Loop) synthesizer. * **Frequency Range:** Usually covers 310–330 MHz, 429–439 MHz, and 868–928 MHz (Region dependent). * **Modulation:** Supports **ASK** (Amplitude Shift Keying) and **FSK** (Frequency Shift Keying). * **Output Power:** Programmable power amplifier (up to +10 dBm). * **Antenna Interface:** Single-ended output designed for PCB loop antennas. --- ### 3. Memory Subsystem The T48C862 uses specialized memory structures to handle security keys and application code. 1. **ROM:** 4 KB for application code. 2. **RAM:** 256 x 4-bit (Total 128 bytes) for volatile data. 3. **EEPROM:** 128 bytes for non-volatile storage (used for unique IDs, rolling codes, and cryptographic keys). --- ### 4. Peripheral Components To interact with the physical world, the chip includes several hardware modules: * **Timers:** Multiple 8-bit/16-bit timers for generating PWM or measuring signal intervals. * **I/O Ports:** High-current drive pins capable of driving LEDs directly. * **WDT (Watchdog Timer):** Essential for system recovery in harsh automotive EMI environments. * **Voltage Monitor:** Detects low battery levels to alert the user. --- ### 5. Power Management Since these parts usually live inside a key fob for 5+ years, power management is critical: * **Power-down Current:** Typically < 1 µA. * **Active Mode:** Optimized to wake up, transmit a burst of data, and return to sleep in milliseconds. --- ### Summary Table | Component | Function | | :--- | :--- | | **UHF Transmitter** | Sends the wireless signal to the vehicle receiver. | | **EEPROM** | Stores the "Rolling Code" to prevent replay attacks. | | **Internal RC** | Allows operation without an external crystal to save cost/space. | | **Voltage Supervisor** | Monitors the health of the 3V Lithium battery. |
    ✨ Follow-up Questions
    • ⤷ What are the main differences between ASK and FSK modulation in this chip?
    • ⤷ How does the MARC4 4-bit architecture benefit battery life compared to 8-bit alternatives?
    • ⤷ What are the common applications for the T48C862-R8 besides car keys?