전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • T48C862M-R3

  • AI
    The **T48C862M-R3** is a highly integrated, low-power microcontroller (MCU) with a built-in RF transmitter, specifically designed for **Remote Keyless Entry (RKE)** and passive entry systems. It is part of the Atmel (now Microchip) MARC4 family. --- ## 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core Architecture** | 4-bit MARC4 Core | | **RF Frequency Range** | 310 MHz to 440 MHz | | **Modulation Types** | ASK (Amplitude Shift Keying) / FSK (Frequency Shift Keying) | | **Output Power** | Programmable up to +10 dBm | | **Memory (ROM)** | 4 KB | | **Memory (RAM)** | 256 x 4-bit | | **Operating Voltage** | 2.0V to 4.0V | | **Package** | SSO24 (Small Outline Package) | --- ## 2. Core Electronic Components The device is essentially a "System-on-Chip" (SoC) that combines several functional blocks: ### A. The Microcontroller (MARC4) The brain of the chip is a **4-bit Harvard architecture** CPU. While 4-bit sounds low by modern standards, it is extremely power-efficient, making it ideal for battery-operated key fobs that must last for years. ### B. RF Transmitter Stage Unlike standalone MCUs, the T48C862M-R3 includes a fully integrated UHF transmitter. * **PLL Synthesizer:** Internal Phase-Locked Loop for stable frequency generation. * **VCO:** Voltage Controlled Oscillator. * **Power Amplifier (PA):** Sends the signal to the antenna. ### C. Power Management The chip is designed for "Sleep Mode" efficiency. It features: * **Low Current Consumption:** Typically < 1 µA in sleep mode. * **Watchdog Timer:** To wake the device or reset it in case of software failure. --- ## 3. Typical Application Circuit (Block Level) To use this part, the following external components are typically required: 1. **Crystal Oscillator:** Usually a 13.56 MHz or similar crystal to provide the reference frequency for the RF stage. 2. **Matching Network:** A combination of inductors and capacitors (LC circuit) to match the output impedance to the antenna (usually 50 ohms). 3. **Buttons:** Connected to the I/O pins to trigger transmissions (e.g., "Lock" or "Unlock"). ```mermaid graph LR A[Battery 3V] --> B(T48C862M-R3) C[Buttons] --> B B --> D[LC Matching Network] D --> E[PCB Trace Antenna] ``` --- ## 4. Usage Considerations * **Programming:** Since it is ROM-based, the code is usually masked during manufacturing for high-volume orders, though flash-based versions or emulators were used during development. * **Security:** It is frequently paired with "Rolling Code" algorithms (like Keeloq) to prevent relay attacks.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ASK and FSK modulation modes in this chip?
    • ⤷ Can you provide a sample schematic for the RF matching network?
    • ⤷ What are the modern replacements for the T48C862M given it is an older architecture?