전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • T89C51RC2-RLSCL

  • AI
    ## Technical Overview of the T89C51RC2-RLSCL The **T89C51RC2-RLSCL** is a high-performance CMOS 8-bit microcontroller based on the 8051 architecture. It is part of the Atmel (now Microchip) 80C51 family, known for its high speed (X2 mode) and versatile flash memory capabilities. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | 80C51 (8-bit) | | **Max Clock Frequency** | 40 MHz (Standard) / 20 MHz (X2 Mode) | | **Flash Memory** | 32 KB | | **RAM** | 1024 Bytes (256B Internal + 768B Expanded) | | **Operating Voltage** | 3.0V to 5.5V | | **I/O Pins** | 32 Programmable I/O lines | | **Package Type** | PLCC44 (indicated by the "L" in the suffix) | --- ### 2. Major Electronic Components & Features #### A. Central Processing Unit (CPU) * **8051 Instruction Set:** Fully compatible with standard 8051 microcontrollers. * **X2 Mode:** A feature that allows the controller to run at twice the speed of a standard 8051 at the same crystal frequency by reducing the clock divider from 12 to 6. #### B. Memory Architecture * **Flash Memory (32 KB):** Supports In-System Programming (ISP) via a hardware UART bootloader, allowing code updates without removing the chip. * **EEPROM Data:** Includes 2 KB of EEPROM for non-volatile data storage (storing settings or logs). * **Expanded RAM (XRAM):** Features 768 bytes of extra on-chip RAM accessed via `MOVX` instructions. #### C. Peripherals and I/O * **Programmable Counter Array (PCA):** Contains five 16-bit modules for PWM (Pulse Width Modulation), high-speed output, and capture/compare functions. * **UART:** Full-duplex enhanced UART with baud rate generator and framing error detection. * **Timers:** Three 16-bit timers/counters. * **SPI Interface:** A hardware Master/Slave Serial Peripheral Interface for high-speed communication with sensors or displays. --- ### 3. Suffix Breakdown (RLSCL) The alphanumeric suffix provides specific details about the physical and thermal properties: * **RL:** Indicates the package type, typically **PLCC 44** (Plastic Leaded Chip Carrier). * **S:** Refers to the "Stick" or "Tube" shipping media. * **C:** Commercial Temperature range ($0^\circ\text{C}$ to $+70^\circ\text{C}$). * **L:** Lead-free / RoHS compliant packaging. --- ### 4. Typical Application Circuit To operate the T89C51RC2, the following external components are usually required: ```c /* Basic Hardware Requirements */ 1. Crystal Oscillator (e.g., 11.0592 MHz or 12 MHz) 2. Two Load Capacitors (approx. 22pF - 33pF) for the oscillator. 3. Reset Circuit (Capacitor and Resistor to provide a high pulse on RST). 4. Decoupling Capacitor (0.1uF) across VCC and GND. ``` ---
    ✨ Follow-up Questions
    • ⤷ How does the X2 mode affect power consumption in the T89C51RC2?
    • ⤷ What are the specific steps to enter ISP mode for programming this chip?
    • ⤷ What is the difference between the PLCC44 and VQFP44 versions of this microcontroller?