전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • T89C51RC2-RLSIL

  • AI
    The **T89C51RC2-RLSIL** is a high-performance CMOS 8-bit microcontroller based on the 80C51 architecture. It is a popular legacy part originally manufactured by Atmel (now Microchip). It is known for its high speed (X2 mode) and Flash memory capabilities. --- ### 1. Key Technical Specifications The following table summarizes the primary electronic characteristics: | Feature | Specification | | :--- | :--- | | **Architecture** | 80C51 (8-bit) | | **Flash Memory** | 32 KB (Internal Program Memory) | | **RAM** | 512 Bytes (256B standard + 256B expanded) | | **Operating Voltage** | 3.0V to 5.5V | | **Max Frequency** | 40 MHz (Standard) / 20 MHz (X2 mode) | | **Package Type** | VQFP-44 (RL suffix indicates 44-lead VQFP) | | **I/O Pins** | 32 Programmable I/O lines | | **Timers** | Three 16-bit Timer/Counters | --- ### 2. Core Electronic Components & Features #### A. The X2 Core One of the most significant features of the "RC2" series is the **X2 mode**. In a standard 8051, a machine cycle takes 12 clock periods. In X2 mode, the CPU can achieve the same instruction speed using only 6 clock periods, effectively doubling the performance at the same crystal frequency or reducing power consumption by lowering the frequency. #### B. Memory Structure * **Flash (32 KB):** Supports In-System Programming (ISP), allowing the chip to be programmed via a serial link without removing it from the PCB. * **EEPROM:** It includes 2 KB of EEPROM for non-volatile data storage (parameters, calibration data). * **Expanded RAM (ERAM):** Accessed via the `MOVX` instruction, providing more workspace than the traditional 128/256 bytes of the original 8051. #### C. Peripheral Set * **PCA (Programmable Counter Array):** Provides high-speed output, pulse width modulation (PWM), and watchdog timer capabilities. * **UART:** A full-duplex enhanced UART with baud rate generator and framing error detection. * **Interrupts:** 9 interrupt sources with 4 priority levels. * **SPI Interface:** Allows high-speed synchronous data transfer between the MCU and peripheral devices (like sensors or SD cards). --- ### 3. Pinout Configuration (VQFP-44) The "RL" in the part number denotes the **44-lead VQFP** (Very Thin Quad Flat Pack). Key pin groupings include: 1. **Port 0-3:** General-purpose I/O. Port 0 is open-drain; Ports 1, 2, and 3 have internal pull-ups. 2. **RST:** Reset input (High for at least two machine cycles to reset). 3. **ALE/PROG:** Address Latch Enable; used for de-multiplexing the address/data bus. 4. **PSEN:** Program Store Enable; the read strobe to external program memory. 5. **XTAL1/XTAL2:** Connections for the crystal oscillator. --- ### 4. Part Number Breakdown ```text T 89 C 51 RC2 - R L S I L | | | | | | | | | | | | | | | | | | | +-- Lead Free (RoHS) | | | | | | | | +---- Industrial Temp (-40C to +85C) | | | | | | | +------ Speed (40MHz) | | | | | | +-------- VQFP Package | | | | | +---------- Package code | | | | +---------------- 32KB Flash / 512B RAM | | | +------------------- 8051 Architecture | | +--------------------- CMOS Technology | +------------------------ Flash Microcontroller +-------------------------- Atmel/Microchip Prefix ``` ---
    ✨ Follow-up Questions
    • ⤷How do I program the T89C51RC2 using ISP?
    • ⤷ What are the main differences between T89C51RC2 and AT89S52?
    • ⤷ Can this microcontroller operate at 3.3V and 5V logic?