전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • T92-R

  • AI
    The **T92-R** typically refers to a high-power, board-mounted **Electromechanical Relay** manufactured by Potter & Brumfield (a TE Connectivity brand). This specific series is widely used in HVAC, industrial controls, and power management due to its high switching capacity. --- ## 1. Core Component Specifications The T92 series is designed for heavy-duty switching. Below are the primary electronic characteristics: | Feature | Specification (Standard) | | :--- | :--- | | **Contact Arrangement** | 2 Form A (DPST-NO) or 2 Form C (DPDT) | | **Contact Rating** | Up to 30A @ 277VAC | | **Coil Voltage (DC)** | 6V, 12V, 24V, 48V, 110V | | **Coil Voltage (AC)** | 24V, 120V, 240V | | **Mounting Type** | PCB Mount or Panel Mount (Quick Connect) | | **Power Consumption** | ~1.7W (DC Coil) / 4.0VA (AC Coil) | --- ## 2. Internal Electronic Structure The T92-R operates via electromagnetic induction. Its internal parts include: ### A. The Coil Unit * **Copper Winding:** A precision-wound coil that generates a magnetic field when energized. * **Core:** A soft iron core that concentrates the magnetic flux. * **Insulation:** Rated Class F ($155^\circ C$) to withstand high heat in industrial environments. ### B. Contact System * **AgSnO2 (Silver Tin Oxide):** The contacts are usually made of this alloy because it resists "welding" and material transfer during high-current arcs. * **Actuator Arm:** A mechanical linkage that moves the contacts when the coil is energized. ### C. Housing * **Dust Cover/Wash Tight:** Usually enclosed in a plastic housing to protect internal components from environmental contaminants. --- ## 3. Common Applications Due to its robust power handling, the T92-R is found in: 1. **HVAC Systems:** Controlling compressor motors and heating elements. 2. **Industrial Machinery:** Powering large pumps and heavy-duty actuators. 3. **Lighting:** Managing large banks of ballast-driven lights. 4. **Power Supplies:** Serving as a main disconnect or high-power bypass. --- ## 4. Key Variants (Suffix Meanings) * **T92P:** PCB terminals for direct soldering to a circuit board. * **T92S:** Flange mount with Quick Connect (spade) terminals for wiring harnesses. * **-R:** Often denotes compliance with specific environmental regulations (like RoHS) or specific mounting revisions.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 2 Form A and 2 Form C contact configurations?
    • ⤷ How do I calculate the flyback diode needed for a T92 DC coil?
    • ⤷ What are the maximum temperature limits for the T92-R series?