전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TA7368PL-S08-R

  • AI
    ## TA7368PL-S08-R: Low-Voltage Audio Power Amplifier The **TA7368PL-S08-R** is a monolithic integrated circuit designed for low-voltage audio power amplification. It is commonly used in portable consumer electronics due to its efficiency and minimal requirement for external components. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Supply Voltage (Vcc)** | 2.0V to 10.0V (Typical 3V–6V) | | **Output Power (Po)** | 720mW (Typ.) at Vcc=6V, RL=8Ω | | **Quiescent Current (Iccq)** | 6.5mA (Typ.) | | **Voltage Gain (Gv)** | 40dB (Fixed internally) | | **Package Type** | SOP-8 (Surface Mount) | | **Operating Temp Range** | -25°C to +75°C | --- ### 2. Features and Functional Parts The internal architecture of the TA7368PL includes several critical blocks that manage audio signal processing: * **Preamplifier Stage:** High-gain input stage designed to handle low-level audio signals (e.g., from a microphone or DAC). * **Driver Stage:** Converts the voltage signal into a current signal sufficient to drive the output power transistors. * **Power Output Stage:** Typically a Class-AB push-pull configuration, providing high current drive to the speaker while maintaining low distortion. * **Internal Feedback Loop:** The gain is fixed at approximately 40dB, reducing the need for external resistors to set the amplification level. * **Thermal/Overload Protection:** Basic circuitry to prevent the chip from burning out under high heat or short-circuit conditions. --- ### 3. Pin Configuration (SOP-8) | Pin No. | Name | Function | | :---: | :--- | :--- | | 1 | **NF** | Negative Feedback terminal | | 2 | **IN** | Audio Input | | 3 | **Pre-GND** | Small signal ground | | 4 | **PW-GND** | Power ground (for high current) | | 5 | **OUT** | Audio Output (requires coupling capacitor) | | 6 | **BS** | Bootstrap (boosts output voltage swing) | | 7 | **Vcc** | Positive Supply Voltage | | 8 | **Ripple** | Ripple filter terminal (for noise reduction) | --- ### 4. Typical Application Circuit The TA7368PL is praised for its simplicity. A basic setup requires only a few capacitors: ```c // Basic Component Layout Concept [Input Source] -> [C1: Input Cap] -> Pin 2 (IN) Pin 5 (OUT) -> [C2: Output Coupling Cap] -> [Speaker (4-16 ohm)] Pin 7 (Vcc) -> [C3: Decoupling Cap] -> Vcc Source Pin 8 (Ripple) -> [C4: Filter Cap] -> Ground ``` --- ### 5. Common Use Cases 1. **Portable Radios:** Battery-operated AM/FM receivers. 2. **Handheld Gaming Devices:** Driving small internal speakers. 3. **Walkie-Talkies:** Low-power communication devices. 4. **Electronic Toys:** Sound effect playback modules.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation for the SOP-8 package of this IC?
    • ⤷ How do I adjust the volume if the gain is fixed at 40dB?
    • ⤷ What is the purpose of the Bootstrap pin in this specific amplifier circuit?