전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TC1304-AO2EMF

  • AI
    The **TC1304-AO2EMF** is a high-efficiency power management integrated circuit (PMIC) manufactured by **Microchip Technology**. It belongs to the TC1304 series, which combines a step-down (Buck) switching regulator and a Low Dropout (LDO) linear regulator. --- ## 1. Core Component Breakdown The device is designed for battery-powered applications where multiple voltage rails and space-saving are critical. | Feature | Specification / Detail | | :--- | :--- | | **Buck Regulator Output** | Typically provides high current for the main processor or core logic. | | **LDO Regulator Output** | Provides a low-noise voltage rail for sensitive analog components. | | **Input Voltage Range** | 2.7V to 5.5V (Ideal for Li-Ion or 3-cell NiMH batteries). | | **Switching Frequency** | 2.0 MHz (Allows the use of small ceramic capacitors and inductors). | | **Package Type** | 10-Pin DFN (3x3 mm), indicated by the "MF" suffix. | --- ## 2. Part Number Decoder: AO2EMF To understand the specific electronic characteristics of this variant, we must decode the suffix: * **TC1304**: Base series (500mA Buck + 300mA LDO + Power Good output). * **AO**: This designates the fixed output voltage combination. * **Channel 1 (Buck):** 3.3V * **Channel 2 (LDO):** 1.8V * **2**: Sequence/Feature variant (specifically relates to the Power Good delay or specific enable logic). * **E**: Temperature Grade (-40°C to +85°C). * **MF**: Plastic Dual Flat, No-lead (DFN) package. --- ## 3. Key Electronic Characteristics ### Power Conversion * **Buck Efficiency:** Up to 95%, which extends battery life by minimizing heat dissipation. * **LDO Dropout:** Very low dropout voltage (typically 150mV at 200mA), allowing the LDO to remain in regulation even as the battery voltage drops. ### Protection & Monitoring * **Power Good (PG) Output:** An open-drain output that monitors the output voltage of the Buck regulator. It transitions high when the output is within 94% of the regulation value. * **Over-temperature Protection:** Internal thermal shutdown circuitry protects the device during over-current or high-ambient temperature conditions. * **Under-voltage Lockout (UVLO):** Prevents the device from operating at insufficient input voltages to ensure stable startup. --- ## 4. Typical Application Circuit ```mermaid graph LR Vin[Input 5V] --> Buck[Buck Converter 3.3V @ 500mA] Vin --> LDO[LDO Regulator 1.8V @ 300mA] Buck --> Logic[System CPU] LDO --> Analog[Sensors/RF] Logic --> PG[Power Good Signal] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the inductor requirements for the 2.0 MHz switching frequency of this chip?
    • ⤷ How does the Power Good (PG) pin behave during a brownout condition?
    • ⤷ Are there adjustable versions of the TC1304 available instead of fixed voltages?