AI

## Technical Overview: TC74HC240AP
The **TC74HC240AP** is a high-speed CMOS 8-bit bus buffer fabricated with silicon gate C2MOS technology. It features **inverting outputs** and **3-state (Tri-state) outputs**, making it an ideal component for bus-oriented applications where high speed and low power consumption are required.
---
### 1. Key Features and Specifications
The device consists of two groups of four buffers, each controlled by an independent Output Enable ($\overline{G}$) input.
| Parameter | Specification |
| :--- | :--- |
| **Logic Type** | Inverting Buffer / Line Driver |
| **Number of Elements** | 2 (4 bits each = 8 bits total) |
| **Voltage Supply ($V_{CC}$)** | 2.0V to 6.0V |
| **Output Type** | 3-State (High, Low, High-Impedance) |
| **Propagation Delay** | ~10ns at 5V |
| **Output Current** | 6mA (at 4.5V) |
| **Operating Temperature** | -40°C to 85°C |
| **Package Type** | DIP-20 (Dual In-line Package) |
---
### 2. Logic Symbol and Truth Table
The TC74HC240AP operates based on the state of the Output Enable pin ($\overline{G}$). When $\overline{G}$ is **LOW**, the data flows through and is inverted. When $\overline{G}$ is **HIGH**, the outputs enter a High-Impedance (Hi-Z) state.
| Input $\overline{G}$ | Input A | Output Y (Inverted) |
| :---: | :---: | :---: |
| L | L | H |
| L | H | L |
| H | X | Z (High-Z) |
*Key: L=Low, H=High, X=Don't Care, Z=High Impedance*
---
### 3. Pin Configuration (DIP-20)
The 20 pins are arranged to facilitate easy PCB routing for bus lines.
| Pin Number | Symbol | Description |
| :--- | :--- | :--- |
| 1 | $1\overline{G}$ | Output Enable 1 (Active Low) |
| 2, 4, 6, 8 | $1A1 - 1A4$ | Data Inputs (Group 1) |
| 18, 16, 14, 12 | $1Y1 - 1Y4$ | Inverted Data Outputs (Group 1) |
| 19 | $2\overline{G}$ | Output Enable 2 (Active Low) |
| 11, 13, 15, 17 | $2A1 - 2A4$ | Data Inputs (Group 2) |
| 9, 7, 5, 3 | $2Y1 - 2Y4$ | Inverted Data Outputs (Group 2) |
| 10 | GND | Ground |
| 20 | $V_{CC}$ | Power Supply |
---
### 4. Application Use Cases
* **Bus Driving:** Driving long signal lines or highly capacitive loads in 8-bit microprocessor systems.
* **Memory Address Decoding:** Used to buffer address lines between the CPU and RAM/ROM.
* **Signal Inversion:** Used when the logic of a control signal needs to be flipped while providing current amplification.
* **Isolation:** The 3-state outputs allow multiple devices to share the same bus line without interference when the chip is disabled.
---
### 5. Circuit Example (Basic Usage)
To use this chip as a simple 8-bit inverter, connect pins 1 and 19 to Ground (GND).
```c
// Pseudocode for Hardware Implementation
If (Enable_Pin == LOW) {
Output_Y = NOT(Input_A);
} else {
Output_Y = High_Impedance;
}
```
- ⤷
What is the difference between the TC74HC240AP and the TC74HC244AP?
- ⤷ How does the 'High-Impedance' state prevent bus contention?
- ⤷ What are the power consumption characteristics of this CMOS IC compared to TTL?