TCDA0707-R30M
AI

## TCDA0707-R30M: Technical Specifications and Overview
The **TCDA0707-R30M** is a high-current, surface-mount (SMD) power inductor. It is designed primarily for DC-DC converter applications where high efficiency and high power density are required.
---
### 1. Key Technical Specifications
Below are the typical parameters for this specific part number:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.30 µH (indicated by "R30") |
| **Tolerance** | ±20% (indicated by "M") |
| **Package Size** | ~7.0mm x 7.0mm (indicated by "0707") |
| **Core Material** | Composite Alloy (Molded) |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Shielding** | Magnetically Shielded |
---
### 2. Physical Construction
The "TCDA" series usually refers to **Molded Power Inductors**. Unlike traditional wire-wound inductors with a ferrite drum core, these are constructed by:
* **Winding:** A flat or round copper wire coil.
* **Molding:** Encapsulating the coil in a metallic magnetic powder (iron alloy).
* **Benefits:** This construction results in a "soft saturation" characteristic, meaning the inductance doesn't drop abruptly when the current increases.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
| Segment | Meaning |
| :--- | :--- |
| **TCDA** | Series Identifier (Automotive or High-Current Molded Series) |
| **0707** | Dimensions (Approx. 7.3 x 6.8 x 7.0 mm depending on height) |
| **R30** | Inductance Value (R denotes the decimal; 0.30 microhenries) |
| **M** | Tolerance Code (M = ±20%) |
---
### 4. Electronic Characteristics & Applications
* **Low DCR (DC Resistance):** Because of the molded design, it offers very low resistance, minimizing power loss as heat.
* **High Saturation Current ($I_{sat}$):** Designed to handle high peak currents without the core saturating.
* **EMI Shielding:** The molded body acts as a natural shield, reducing electromagnetic interference with neighboring components.
**Typical Applications:**
* GPU/CPU Voltage Regulator Modules (VRM).
* High-current POL (Point of Load) converters.
* Automotive electronics (Infotainment/ADAS).
* SSD Power Supplies.
---
- ⤷
What is the maximum rated current for the TCDA0707-R30M?
- ⤷ How does a molded inductor compare to a standard ferrite core inductor?
- ⤷ What are the recommended soldering profiles for this SMD component?