전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCDA1109-R68M

  • AI
    ## Analysis of the TCDA1109-R68M The **TCDA1109-R68M** is a high-performance **Power Inductor**, specifically designed for automotive and high-reliability industrial applications. It belongs to a category of surface-mount (SMD) molded inductors known for their high current handling and compact footprints. --- ### 1. Technical Specifications The part number follows a standard industry naming convention. Below are the primary electronic characteristics: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.68 µH (indicated by "R68") | | **Tolerance** | ±20% (indicated by "M") | | **Case Size** | 11.0mm x 10.0mm x 9.0mm (approximate) | | **DCR (DC Resistance)** | Very low (typically < 2.0 mΩ) | | **Saturation Current ($I_{sat}$)** | High (typically 30A - 50A range) | | **Core Material** | Composite Metal Alloy (Molded) | | **Operating Temperature** | -40°C to +125°C or +150°C | --- ### 2. Key Features and Construction * **Molded Construction:** The inductor is manufactured by pressing a metal alloy powder around the copper coil. This creates a "shielded" structure that minimizes electromagnetic interference (EMI). * **Soft Saturation:** Unlike ferrite inductors that lose inductance sharply when current rises, the TCDA series uses a composite core that provides a gradual (soft) saturation curve. * **Low Audible Noise:** The molded design reduces the vibration of the coil, effectively eliminating "buzzing" or acoustic noise caused by high-frequency switching. * **AEC-Q200 Compliance:** The "TCDA" prefix often signifies automotive grade, meaning it is tested to withstand extreme thermal shocks and mechanical vibrations. --- ### 3. Application Use Cases This specific part is typically found in the **Voltage Regulator Modules (VRM)** and **DC-DC Converters** of modern electronics. 1. **Automotive Systems:** ADAS cameras, infotainment units, and Engine Control Units (ECU). 2. **Computing:** High-current power rails for CPUs and GPUs where space is limited. 3. **Industrial:** High-efficiency power supplies for robotics and automation sensors. --- ### 4. Circuit Implementation In a typical Buck Converter circuit, the TCDA1109-R68M would be placed after the switching MOSFETs to smooth the current. ```spice * Typical Buck Converter Output Stage * VIN -> [Switch] -> [TCDA1109-R68M] -> VOUT * | * [Capacitor] * | * GND ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the direct substitutes for the TCDA1109 series from brands like Vishay or TDK?
    • ⤷ How does the 'soft saturation' characteristic benefit a DC-DC converter design?
    • ⤷ What is the specific current rating (IDC) for the R68M variant?