전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCDA1312-R50M

  • AI
    The **TCDA1312-R50M** is a high-performance **Common Mode Choke (CMC)**, typically utilized in automotive and high-speed data transmission applications to suppress electromagnetic interference (EMI). Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications This component is designed to filter noise while allowing high-speed differential signals to pass through with minimal distortion. | Parameter | Value / Specification | | :--- | :--- | | **Inductance (at 100kHz)** | 0.50 µH (±20%) | | **DC Resistance (DCR)** | ~10.0 mΩ (Typical) | | **Rated Current ($I_{dc}$)** | ~5.0 A to 8.0 A (Depending on temperature rise) | | **Impedance (at 100MHz)** | ~120 Ω to 500 Ω (Frequency dependent) | | **Operating Temperature** | -40°C to +125°C / +150°C (Automotive Grade) | | **Size / Footprint** | Standardized SMD (Surface Mount Device) | --- ## 2. Core Electronic Functions ### A. Common Mode Noise Suppression The TCDA1312-R50M acts as a high-impedance barrier for common-mode signals (noise that travels in the same direction on both lines) while providing low impedance for differential-mode signals (the actual data). This prevents the cables from acting as antennas that radiate EMI. ### B. High Current Handling The "R50" indicates a low inductance (0.50µH), which usually correlates with a thicker wire winding. This allows the component to handle significant DC currents without saturating the magnetic core. ### C. Magnetic Material It utilizes a **Ferrite Core** structure. Ferrite is chosen for its high permeability at specific frequency ranges, making it highly effective at absorbing high-frequency noise and dissipating it as a small amount of heat. --- ## 3. Typical Applications Due to its robust design, the TCDA1312-R50M is commonly found in the following circuits: * **CAN-Bus / FlexRay:** Automotive communication networks where signal integrity is critical. * **USB 3.0 / HDMI:** High-speed data lines that require noise filtering without degrading the signal wave shape. * **DC-DC Converters:** Used in the input/output stages to filter out switching noise. * **Ethernet (BroadR-Reach):** Automotive-grade Ethernet systems. --- ## 4. Equivalent Circuit Diagram The component consists of two coils wound on a single core. ```text Line 1 In o----( Coil 1 )----o Line 1 Out ( Core ) Line 2 In o----( Coil 2 )----o Line 2 Out ``` --- ## 5. Design Considerations * **Leakage Inductance:** While it suppresses common mode noise, it has a small amount of "stray" or leakage inductance that can affect differential signals if not accounted for in PCB impedance matching. * **Thermal Management:** Ensure the trace width on the PCB can handle the rated current ($I_{dc}$) to prevent excessive heat buildup near the choke.
    ✨ Follow-up Questions
    • ⤷ How does the TCDA1312-R50M compare to a standard chip bead for EMI suppression?
    • ⤷ What is the significance of the R50 suffix in the part number naming convention?
    • ⤷ Can this component be used in 48V automotive power systems?