전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCF05-V2-R501R0M

  • AI
    The **TCF05-V2-R501R0M** is a high-precision, automotive-grade **Current Sense Resistor** (often referred to as a Shunt Resistor). These components are critical in power management systems for measuring current flow by monitoring the voltage drop across a known resistance. --- ### 1. Key Technical Specifications Based on the part numbering nomenclature typically used for this series, here are the primary specifications: | Feature | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 0.5 mΩ (R501) | Extremely low resistance to minimize power loss. | | **Tolerance** | ±1.0% (R) | Precision tolerance for accurate current measurement. | | **Power Rating** | 5W - 7W | High power handling capability. | | **Construction** | Metal Plate / Shunt | Utilizes a solid metal alloy for stability. | | **Temperature Coefficient** | Low TCR (e.g., ±50 ppm/°C) | Ensures accuracy remains stable as the part heats up. | | **Package Style** | TCF / Surface Mount | Designed for robust PCB mounting. | --- ### 2. Internal Electronic Design The device is built using **Metal Plate Technology**. Unlike standard thick-film resistors, these use a solid slab of resistive alloy (typically Manganese-Copper or similar alloys) welded to copper terminals. * **Low Inductance:** The flat, metal-plate design ensures very low self-inductance, which is vital for high-frequency switching applications. * **Thermal Management:** The large copper terminals act as heat sinks, allowing the part to dissipate heat into the PCB traces effectively. * **Kelvin Connection (4-Terminal) Support:** While physical packages vary, these parts are often designed to be used in a Kelvin configuration to eliminate the resistance of the solder joints from the measurement. --- ### 3. Application Use Cases This specific part is frequently used in environments where high current needs to be monitored with high reliability: 1. **Automotive Systems:** Battery Management Systems (BMS), Electric Power Steering (EPS), and Inverters. 2. **Industrial Power:** DC-DC converters and motor controllers. 3. **Battery Charging:** Monitoring charge/discharge cycles in high-capacity lithium packs. --- ### 4. Circuit Implementation Example In a typical circuit, the resistor is placed in series with the load. The voltage ($V$) across the resistor is measured by an amplifier: ```cpp // Ohm's Law Calculation for Current Sensing I = V / R // Where: // R = 0.0005 Ohms (0.5 mΩ) // If V measured is 10mV: // I = 0.010 / 0.0005 = 20 Amperes ```
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering requirements for metal plate shunt resistors?
    • ⤷ How does the TCR (Temperature Coefficient of Resistance) impact measurement accuracy in this part?
    • ⤷ Can you provide the footprint dimensions for the TCF05 package?