전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCFL1206CF-R56

  • AI
    The **TCFL1206CF-R56** is a specific electronic component, typically categorized as a **Thin Film Chip Inductor**. Components with this naming convention are designed for high-frequency applications where precision and stability are critical. --- ### 1. Part Number Breakdown The alphanumeric code provides specific details about the component's physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **TCFL** | Series Type | Thin Film Inductor (usually High-Q, Lead-Free) | | **1206** | Case Size | 1206 Imperial (3.2mm x 1.6mm) | | **CF** | Material/Process | Often denotes specific coating or core material (Ceramic/Film) | | **R56** | Inductance Value | **0.56 µH** (R acts as a decimal point) | --- ### 2. Key Technical Specifications While exact specs can vary slightly by manufacturer (such as Viking or Taiyo Yuden), the general parameters for a 1206 R56 thin film inductor are: * **Inductance:** 0.56 microhenries (µH) or 560 nanohenries (nH). * **Tolerance:** Commonly ±5% (J) or ±10% (K). * **Technology:** Thin Film (allows for tighter tolerances and better performance at higher frequencies compared to wire-wound or multilayer types). * **Operating Temperature:** Typically -40°C to +125°C. * **SRF (Self-Resonant Frequency):** Usually very high, making it suitable for RF circuits. --- ### 3. Core Features 1. **High Precision:** Thin film technology allows for very accurate inductance values. 2. **Excellent Frequency Response:** High "Q" factor (Quality factor) which minimizes energy loss at high frequencies. 3. **Miniature Profile:** The 1206 footprint is standard for surface-mount technology (SMT), balancing ease of assembly with space-saving. 4. **Stability:** High stability against temperature fluctuations and mechanical stress. --- ### 4. Common Applications * **RF Modules:** Used in wireless communication devices (WiFi, Bluetooth). * **Impedance Matching:** Tuning circuits to ensure maximum power transfer between stages. * **Mobile Devices:** Filtering and signal conditioning in smartphones and tablets. * **High-Speed Signal Lines:** Reducing electromagnetic interference (EMI) without distorting the data signal.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the TCFL1206 series?
    • ⤷ How does a thin film inductor differ from a multilayer inductor?
    • ⤷ Can you provide the footprint dimensions in millimeters?