전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCP70-10-R

  • AI
    ## Electronic Analysis: TCP70-10-R The **TCP70-10-R** is a high-performance **Directional Coupler** manufactured by Coilcraft. It is primarily used in RF (Radio Frequency) applications to sample a specific portion of a signal for monitoring or feedback purposes without significantly disrupting the main signal path. --- ### 1. Key Technical Specifications Below are the critical electronic parameters for the TCP70-10-R: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Coupling Value** | 10 dB | The amount of power diverted to the coupled port. | | **Frequency Range** | 5 – 1000 MHz | Operates across the VHF and UHF bands. | | **Impedance** | 75 Ohms | Designed for CATV, broadband, and video applications. | | **Insertion Loss** | < 1.8 dB | Signal loss from Input to Output (Main line). | | **Directivity** | 20 dB (min) | The ability to distinguish between forward and reflected waves. | | **Power Rating** | 0.25 Watts | Maximum RF input power handling capability. | --- ### 2. Functional Electronic Components The TCP70-10-R is a passive component based on **transformer-based coupling technology**. Its internal structure consists of: * **Ferrite Core:** Utilizes a high-permeability ferrite binocular or toroid core to maintain performance across a wide bandwidth (5MHz to 1GHz). * **Winding Geometry:** Precision-wound copper wires ensure minimal phase shift and consistent coupling values. * **Surface Mount Technology (SMT):** The "R" suffix typically denotes RoHS compliance and tape-and-reel packaging for automated PCB assembly. --- ### 3. Port Configuration The device features a standard pinout for directional couplers: 1. **Input Port:** Where the primary RF signal enters. 2. **Output Port:** Where the primary signal exits (minus the coupled and lost energy). 3. **Coupled Port:** Provides a sample of the input signal at -10 dB. 4. **Isolated/Terminated Port:** Usually terminated internally or externally to ensure signal directionality. --- ### 4. Typical Applications * **CATV Infrastructure:** Signal splitting and distribution in cable television networks. * **Broadband Communications:** Monitoring signal strength in modems and routers. * **Test & Measurement:** Sampling high-frequency signals for spectrum analyzers without interrupting the circuit. --- ### 5. Schematic Representation In a circuit diagram, the TCP70-10-R behaves as follows: ```text [Input] ----(Main Path)----> [Output] | | (-10 dB) v [Coupled] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 75 Ohm impedance in CATV vs 50 Ohm in RF?
    • ⤷ How does 'Directivity' affect the measurement accuracy of this coupler?
    • ⤷ Are there pin-compatible alternatives to the TCP70-10-R for higher power applications?