전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCP70-15-R

  • AI
    The **TCP70-15-R** is a high-performance, chassis-mount power resistor commonly used in industrial and power electronics. It is part of the TCP series, designed for applications requiring high power dissipation within a compact footprint. --- ### 1. Key Technical Specifications The following table highlights the primary electronic characteristics of the TCP70-15-R: | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 15 Ohms ($\Omega$) | | **Power Rating** | 70 Watts (with appropriate heatsink) | | **Tolerance** | Usually ±1% or ±5% (depending on specific sub-series) | | **Package Type** | TO-247 style (Chassis Mount) | | **Temperature Coefficient** | ±100 ppm/°C | | **Operating Temp Range** | -55°C to +155°C | --- ### 2. Physical Construction and Design The device is engineered to handle significant thermal loads through specific design choices: * **Thin Film Technology:** It utilizes a high-stability thin film element deposited on an alumina ceramic substrate. * **Insulated Housing:** The resistor is encapsulated in a molded plastic case that provides high dielectric strength, ensuring the resistive element is electrically isolated from the heatsink. * **Termination:** It features radial leads (usually tin-plated copper) suitable for through-hole mounting or direct wiring. --- ### 3. Application Use-Cases Because of its ability to dissipate 70W of power, the TCP70-15-R is typically found in: 1. **Snubber Circuits:** Used to suppress voltage spikes in switching power supplies. 2. **Dynamic Braking:** Small motor control systems where energy needs to be dissipated as heat. 3. **Dummy Loads:** Testing power amplifiers or power supply units. 4. **Inrush Current Limiting:** Protecting sensitive components during initial power-up. --- ### 4. Thermal Management Requirement It is critical to note that the **70W rating** is only achievable when the device is mounted to a proper **external heatsink**. * **Without a heatsink:** The power rating drops significantly (often to 2W–3W) due to the small surface area of the TO-247 package. * **Thermal Compound:** Use of thermal grease or a thermal pad is mandatory between the resistor's backplate and the heatsink to minimize thermal resistance ($R_{\theta JC}$).
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the TCP70 series?
    • ⤷ How does the power derating curve affect the 15-ohm resistance at high temperatures?
    • ⤷ Can this resistor be used in high-frequency RF applications?