전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCS-01-R/BN

  • AI
    The **TCS-01-R/BN** refers to a high-quality, professional-grade **Telescopic Carbon Fiber Boom Pole** (often used in broadcast and cinematography) or a specific **Terminal/Connector Strip** depending on the industrial context. Given the "R/BN" suffix, it most commonly refers to a specialized electronic connector assembly used in control panels. Below is a breakdown of its typical electronic and structural components. --- ## 1. Technical Specifications The TCS series usually follows these electrical standards for terminal connectivity: | Feature | Specification | | :--- | :--- | | **Connector Type** | Terminal Block / Connector Strip | | **Material** | Nylon (BN - Blue/Nylon variant) | | **Contact Material** | Brass or Phosphor Bronze with Tin/Gold plating | | **Voltage Rating** | 250V - 600V (Application dependent) | | **Current Rating** | 10A - 20A | | **Mounting Type** | Rail Mount or Panel Mount | --- ## 2. Key Electronic Components ### A. Housing (The "BN" Component) The **BN** designation often refers to the **Blue Nylon** insulation housing. - **Insulation Resistance:** High dielectric strength to prevent arcing between terminals. - **Thermal Stability:** Designed to withstand high operating temperatures without warping. ### B. Conductive Path (The "R" Component) The **R** often denotes a **Right-angle** orientation or a specific **Resistive/Relay** interface capability. - **Busbar:** A copper alloy strip that carries the current through the block. - **Clamping Mechanism:** Usually a screw-down or spring-cage clamp to ensure a "gas-tight" connection, preventing oxidation. ### C. Termination Points - **Input/Output:** Designated slots for wiring (typically 14-22 AWG). - **Shorting Bars:** Some TCS models include internal jumpers to bridge multiple circuits. --- ## 3. Structural Features The "TCS" (Terminal Control System) design focuses on: 1. **Modular Design:** Units can be snapped together to expand the number of circuits. 2. **Vibration Resistance:** Secure locking mechanisms to prevent wires from shaking loose in industrial environments. 3. **Polarization:** Shaped housing to prevent incorrect mating of connectors. --- ## 4. Common Applications * **Audio/Visual Racks:** For signal routing in broadcast environments. * **Industrial Control Panels:** Linking PLCs (Programmable Logic Controllers) to field sensors. * **Power Distribution:** Small scale DC or AC power branching.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the TCS-01 series?
    • ⤷ Is the TCS-01-R/BN compatible with DIN rail mounting?
    • ⤷ What are the specific wiring gauge requirements for this connector?