전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCS-0F-R/K

  • AI
    The **TCS-0F-R/K** refers to a high-precision digital weighing scale component (typically the indicator or the load cell assembly) used in industrial and commercial floor scales. The "TCS" designation stands for "Electronic Platform Scale" (台秤 - Táichèng), while the "R/K" usually denotes specific interface or display features (such as RS232 connectivity or Stainless Steel casing). --- ## 1. Core Electronic Components The system operates by converting physical force into a measurable electrical signal. Below are the primary electronic parts: | Component | Function | Description | | :--- | :--- | :--- | | **Load Cell** | Sensor | Strain-gauge based transducer that converts weight into a millivolt (mV) signal. | | **A/D Converter** | Signal Processing | A high-resolution 24-bit Analog-to-Digital converter (usually HX711 or similar) to digitize the sensor data. | | **Microcontroller (MCU)** | Logic Control | Processes the digital signal, handles calibration data, and manages the user interface. | | **LCD/LED Display** | Output | A 6-digit display showing weight, unit price, and total price. | | **Power Management** | Energy | Includes a transformer/rectifier for AC power and a 4V/6V lead-acid battery charging circuit. | --- ## 2. Technical Specifications (Typical) | Feature | Specification | | :--- | :--- | | **Accuracy Class** | OIML III | | **A/D Conversion Speed** | 10 - 40 times per second | | **Input Sensitivity** | ≥ 1.5μV/e | | **Load Cell Excitation** | DC 5V | | **Communication Interface** | RS-232 (optional for K models) | --- ## 3. Circuit Interface Design The electronic board typically features the following connection points: ### Load Cell Wiring (4-Wire) ```text Red: Excitation + (E+) Black: Excitation - (E-) Green: Signal + (S+) White: Signal - (S-) ``` ### Keypad Matrix Most TCS models utilize a 4x4 or 3x7 membrane switch matrix connected to the MCU via ribbon cables to handle functions like: * **TARE:** Zeroing out container weight. * **ZERO:** Resetting the scale to 0.00. * **SET:** Calibration and unit switching (kg/lb). --- ## 4. Common Troubleshooting for Electronic Parts 1. **Err 1 / Err 2:** Usually indicates an A/D conversion error or a disconnected Load Cell. 2. **Low Battery Symbol:** The internal 6V battery is below the threshold; check the charging circuit or the AC/DC transformer. 3. **Unstable Readings:** Check for moisture on the PCB or interference on the signal wires (S+/S-). ---
    ✨ Follow-up Questions
    • ⤷How do I calibrate a TCS-0F-R series scale?
    • ⤷ What is the difference between the R and K suffixes in these models?
    • ⤷ Which load cell model is compatible with the TCS-0F-R?