전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCS-0F-R/Q

  • AI
    The **TCS-0F-R/Q** is a high-performance, differential output temperature-compensated crystal oscillator (TCXO) series typically used in telecommunications and networking hardware. Below is a breakdown of its technical specifications and electronic components. ### 1. Overview of Technical Specifications The TCS series is designed for applications requiring high stability and low jitter. | Feature | Specification (Typical) | | :--- | :--- | | **Output Type** | LV-PECL or LVDS (Differential) | | **Package Size** | 7.0 x 5.0 mm (6-pin SMD) | | **Supply Voltage** | 2.5V or 3.3V DC | | **Frequency Range** | 10 MHz to 1.5 GHz (depending on specific sub-model) | | **Frequency Stability** | ±1.0 ppm to ±2.5 ppm | | **Operating Temp** | -40°C to +85°C | --- ### 2. Core Electronic Components The device is an integrated module containing several key electronic stages: * **Quartz Crystal Resonator:** The heart of the component, providing the base mechanical vibration frequency. * **Temperature Compensation Circuit:** An analog or digital circuit that senses ambient temperature and adjusts the load capacitance of the crystal to counteract frequency drift. * **Voltage Regulator:** An internal Low-Dropout (LDO) regulator that ensures the internal oscillator remains stable even if there is noise or fluctuation on the Vcc line. * **Differential Output Buffer:** Specifically for the **R/Q** variants, this circuit converts the internal clock signal into **LV-PECL** (R) or **LVDS** (Q) standards to reduce Electromagnetic Interference (EMI) and improve signal integrity over long PCB traces. --- ### 3. Pin Configuration The TCS-0F series generally follows a standard 6-pin footprint for SMD oscillators: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | NC or OE | No connection or Output Enable/Disable | | **2** | NC | No internal connection | | **3** | GND | Ground connection | | **4** | Output | Positive Clock Output | | **5** | Complementary Output | Negative (inverted) Clock Output | | **6** | Vcc | Supply Voltage (Power) | --- ### 4. Implementation Example (Basic Logic) When integrating this part into a circuit, a decoupling capacitor is required between Vcc and GND to ensure stability. ```cpp // Schematic Design Note: // Place a 0.01uF to 0.1uF ceramic capacitor // as close to Pin 6 (Vcc) as possible. // Use 50-ohm termination for differential signals. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the main difference between the 'R' and 'Q' suffixes in this series?
    • ⤷ How does the temperature compensation mechanism work in a TCXO compared to a standard XO?
    • ⤷ What are the common applications for 7x5mm differential oscillators?