전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCS-0G-R/E

  • AI
    Based on the model number provided, the **TCS-0G-R/E** refers to a high-precision **Current Sensor** (often categorized under Current Transducers) manufactured by **Tamura**. This specific series is widely used in industrial power electronics for monitoring AC, DC, and pulse currents with high isolation. --- ### 1. Technical Specifications The "TCS" series is designed for magnetic modulation, allowing for extremely high accuracy and stability. | Feature | Specification (Typical) | | :--- | :--- | | **Rated Current ($I_f$)** | ±0.5A to ±2.0A (depending on specific sub-rating) | | **Output Type** | Voltage Output (Buffered) | | **Supply Voltage ($V_{cc}$)** | ±15V DC (Dual Power Supply) | | **Technology** | Magnetic Modulation (Fluxgate Principle) | | **Accuracy** | High Precision (Linearity < 0.1%) | | **Isolation Voltage** | 2.5kV AC for 1 minute | --- ### 2. Key Electronic Components & Internal Logic The internal circuitry of the TCS-0G-R/E is more complex than a standard Hall Effect sensor. It generally consists of: 1. **Saturable Core (Fluxgate):** Unlike Hall sensors, it uses a magnetic core that is driven into saturation by an internal oscillator. This allows for zero-drift detection. 2. **Oscillator Circuit:** Generates the excitation frequency to modulate the magnetic state of the core. 3. **Demodulator/Phase Detector:** Converts the modulated magnetic signal back into a baseband voltage signal proportional to the primary current. 4. **Operational Amplifiers (Op-Amps):** Used for signal conditioning, zero-point adjustment, and providing a low-impedance voltage output. 5. **Feedback Loop:** Often employs a closed-loop system to cancel the primary magnetic field, ensuring high linearity. --- ### 3. Pinout Configuration Typically, these units feature a 5-pin or 6-pin interface for PCB mounting: * **Pin 1 (+Vcc):** Positive Power Supply (+15V). * **Pin 2 (-Vcc):** Negative Power Supply (-15V). * **Pin 3 (Vout):** Output signal voltage. * **Pin 4 (GND):** Common ground. * **Primary Terminals:** Large pins/terminals where the measured current flows through. --- ### 4. Common Applications Due to its high precision and low temperature drift, the TCS-0G-R/E is used in: * **Leakage Current Detection:** Identifying small imbalances in power systems. * **Medical Equipment:** High-precision power supplies for MRI or X-ray machines. * **Renewable Energy:** Monitoring DC injection in solar inverters. * **Precision Industrial Controls:** Servo drives and high-end UPS systems. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Fluxgate technology and Hall Effect sensors in current sensing?
    • ⤷ How do I calculate the output scaling for the TCS-0G-R/E?
    • ⤷ Can this sensor be used with a single-supply 5V microcontroller?