전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCS-16-R/CE

  • AI
    The **TCS-16-R/CE** is a specific electronic component often categorized as a **Thyristor (SCR) Trigger Module** or a **Phase Control Circuit**, commonly manufactured by brands like **Tele** or used in specialized industrial power control systems. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications Overview This device is primarily used to control the power delivered to a load by regulating the firing angle of thyristors. | Parameter | Specification | | :--- | :--- | | **Control Voltage** | Typically 0-10V DC or 4-20mA | | **Operating Voltage** | 230V / 400V AC (Model dependent) | | **Output Type** | Pulse triggering for SCRs/Thyristors | | **Control Logic** | Phase Angle Control | | **Mounting** | DIN Rail (Standard industrial housing) | --- ### 2. Key Electronic Components & Functionality #### A. Input Signal Interface The module features an isolated input stage. It accepts a low-voltage analog signal (like $0-10V$ from a PLC) and converts it into a timing sequence. This stage often uses **Operational Amplifiers (Op-Amps)** to linearize the control curve. #### B. Zero-Crossing Detection To synchronize with the AC power line, the internal circuitry contains a **Zero-Crossing Detector**. This ensures that the "timing" of the trigger pulses is perfectly aligned with the sine wave of the mains power. #### C. Pulse Transformer The "R/CE" designation often implies galvanic isolation. The output stage uses **Pulse Transformers** to send the trigger signal to the Gate of the high-power thyristor. This protects the low-voltage control electronics from the high-voltage power circuit. #### D. Potentiometers (Adjustments) On the face of the unit, you will typically find two internal or front-facing adjustments: * **U-min (Offset):** Sets the minimum output power when the control signal is at zero. * **U-max (Span):** Sets the maximum output power (limiting the ceiling). --- ### 3. Application Use Cases The TCS-16-R/CE is commonly integrated into the following systems: 1. **Industrial Heating:** Controlling resistive heating elements in ovens or furnaces. 2. **Motor Speed Control:** Regulating the speed of universal or shaded-pole motors. 3. **Lighting Dimming:** High-power stage or architectural dimming systems. 4. **Transformer Primary Control:** Soft-starting large inductive loads. --- ### 4. Typical Wiring Diagram Logic ```text [ PLC/Controller ] ----> [ (In+) TCS-16 (In-) ] | [ Mains AC ] <--- [ Trigger Outputs ] ---> [ Thyristor Stack ] | [ LOAD ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between phase angle control and zero-cross triggering in this module?
    • ⤷ How do I calibrate the U-min and U-max settings for a 4-20mA input?
    • ⤷ What are the common failure symptoms for the TCS-16 series modules?