전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCS-1B-R

  • AI
    The **TCS-1B-R** is a specific model of a **TCS (Terminal Control Switch)** or **Temperature Control Switch**, often utilized in industrial automation, HVAC systems, or specialized electronic testing equipment. Below is a breakdown of the electronic components and technical specifications associated with this type of device. --- ### 1. Key Technical Specifications | Feature | Specification (Typical) | | :--- | :--- | | **Model** | TCS-1B-R | | **Input Voltage** | 100-240V AC or 24V DC (Model dependent) | | **Control Output** | Relay Output (Form A/B) | | **Sensor Input** | RTD (Pt100) or Thermocouple (K/J type) | | **Communication** | RS-485 (indicated by the 'R' suffix) | | **Display** | 7-Segment LED or LCD | --- ### 2. Core Electronic Components The internal architecture of the TCS-1B-R generally consists of the following functional blocks: #### A. Microcontroller Unit (MCU) The "brain" of the device. It processes the analog signals from the sensors, runs the PID (Proportional-Integral-Derivative) control algorithm, and manages the user interface. #### B. Signal Conditioning Circuit Because sensors like thermocouples produce very low voltages (millivolts), this section uses: * **Operational Amplifiers (Op-Amps):** To amplify the weak sensor signal. * **A/D Converter (Analog-to-Digital):** Converts the analog temperature data into digital values for the MCU. #### C. Output Drive Section (Relay) The **"R"** in the model name usually signifies a **Relay Output**. * **Electromagnetic Relay:** Acts as a switch to turn heating or cooling elements on/off. * **Optocouplers:** Used to provide galvanic isolation between the low-voltage control logic and the high-voltage load. #### D. Communication Interface (RS-485) The inclusion of an **RS-485** chip (like a MAX485) allows the device to communicate via the **Modbus RTU** protocol. This enables: * Remote monitoring via a PLC or PC. * Daisy-chaining multiple controllers on a single network. --- ### 3. Wiring Configuration Typical terminal connections for the TCS-1B-R include: ```text [ Power In ] ----> L / N (100-240VAC) [ Sensor In ] ---> + / - (Thermocouple or RTD) [ Output ] ------> COM / NO (Relay Contacts) [ Comm ] --------> A(+) / B(-) (RS-485) ``` --- ### 4. Comparison of Output Types | Model Suffix | Output Type | Best For | | :--- | :--- | :--- | | **TCS-1B-R** | **Relay** | Heavy loads, slow switching cycles. | | **TCS-1B-S** | **SSR Drive** | Fast switching, precision PID control. | | **TCS-1B-A** | **Current (4-20mA)** | Proportional valve control. |
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the relay output on the TCS-1B-R?
    • ⤷ How do I configure the Modbus address for RS-485 communication?
    • ⤷ Does this model support both J-type and K-type thermocouples?