전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCS-20-R/BL

  • AI
    The **TCS-20-R/BL** is a specific electronic component within the category of **illuminated pushbutton switches**, typically manufactured by brands like **E-Switch** or similar industrial component suppliers. Below is a detailed breakdown of its electronic characteristics and construction. --- ### 1. Technical Specifications The part number generally follows a standard coding system where "TCS" refers to the series, "20" refers to the sizing or current rating, and "R/BL" indicates the color configuration. | Feature | Specification | | :--- | :--- | | **Type** | Momentary Pushbutton Switch | | **Contact Rating** | Usually 20mA at 12VDC (Signal level) | | **Illumination Type** | LED (Bi-color or Single) | | **LED Colors** | **R/BL** (Red / Blue) | | **Mounting Type** | Through-hole (PCB Mount) | | **Circuit Configuration** | SPST (Single Pole Single Throw) | --- ### 2. Electronic Component Breakdown #### A. The Switch Mechanism (Tactile) The "TCS" series is designed as a **Tactile Contact Switch**. * **Action:** It is a momentary switch, meaning the electrical circuit is only closed while the button is being physically pressed. * **Feedback:** Provides a crisp "click" feel, ensuring the user knows the contact has been made. * **Contacts:** Gold-plated or silver-plated to ensure low contact resistance and prevent oxidation over time. #### B. The LED Circuitry (R/BL) The "R/BL" suffix is the most critical part of the electronic identification: * **Red LED (R):** Operates at a typical forward voltage ($V_f$) of **1.8V to 2.2V**. * **Blue LED (BL):** Operates at a typical forward voltage ($V_f$) of **3.0V to 3.5V**. * **Polarity:** These switches usually have 4 or 6 pins. Two pins are dedicated to the switch logic, while the others are dedicated to the Anode/Cathode of the LEDs. #### C. Physical Construction * **Housing:** High-temperature thermoplastic (usually UL94V-0 rated) to withstand wave soldering. * **Cap:** Often translucent or "frosted" to allow the Red and Blue light to diffuse evenly. --- ### 3. Connection Diagram (Simplified) Because this is an illuminated component, it is treated as two separate circuits in one housing: ```text Pin 1 & 2: Switch Contact (Open by default) Pin 3: Red LED Anode (+) Pin 4: Blue LED Anode (+) Pin 5: Common Cathode (-) ``` *(Note: Pinout varies by specific manufacturer; always consult the datasheet for the specific brand of TCS-20-R/BL you are using.)* --- ### 4. Typical Applications * **Audio/Video Equipment:** Indicators for "Record" (Red) vs "Standby" (Blue). * **Medical Devices:** Status indicators for different operating modes. * **Industrial Control:** Toggle states where color change indicates a change in system logic.
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the TCS-20 series?
    • ⤷ How do I calculate the resistor value for the Red and Blue LEDs in this switch?
    • ⤷ Is there a waterproof (IP-rated) version of the TCS-20-R/BL?