전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCS-25-R

  • AI
    The **TCS-25-R** is a high-precision, low-profile **Resistor-type Current Sensor** (often categorized as a Shunt Resistor). It is primarily used in power management circuits to monitor current flow by measuring the voltage drop across the component. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications The "TCS" series generally refers to metal foil or thick film current sense resistors. The "25" usually denotes the package size (Metric 6432 or Imperial 2512), and "R" signifies the resistance value or tolerance coding. | Parameter | Typical Value / Range | | :--- | :--- | | **Resistance Range** | 1mΩ to 500mΩ (model specific) | | **Power Rating** | 1W to 3W (depending on mounting/heatsinking) | | **Tolerance** | ±0.5%, ±1%, or ±5% | | **Temperature Coefficient (TCR)** | ±50ppm/°C to ±100ppm/°C | | **Package Size** | 2512 (6.4mm x 3.2mm) | | **Operating Temp** | -55°C to +155°C | --- ### 2. Physical Construction The TCS-25-R is engineered to handle high current without significant thermal drift. * **Substrate:** Usually Alumina (ceramic) or a metal alloy plate for superior heat dissipation. * **Resistive Element:** A specialized metal alloy foil (e.g., Manganese-Copper) that provides a stable resistance even as temperature increases. * **Termination:** Wrap-around terminals with a nickel barrier and tin (Pb-free) plating for excellent solderability and reduced parasitic resistance. --- ### 3. Electronic Functionality The part operates based on **Ohm’s Law ($V = I \times R$)**. 1. **Current Sensing:** As current flows through the TCS-25-R, a small voltage is generated across its terminals. 2. **Feedback Loop:** This voltage is typically fed into an Operational Amplifier (Op-Amp) or a dedicated Current Sense Amplifier. 3. **Protection/Monitoring:** The system uses this data to trigger over-current protection (OCP), manage battery charging cycles, or calculate power consumption. --- ### 4. Typical Applications Because of its low resistance and high power handling, it is found in the following circuits: * **DC-DC Converters:** Monitoring output current for stable voltage regulation. * **Battery Management Systems (BMS):** Measuring charge and discharge rates in Li-ion packs. * **Motor Controllers:** Sensing phase current to control torque and speed. * **Automotive Electronics:** Used in ECU power stages and lighting modules. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the 'R' suffix in your specific datasheet?
    • ⤷ How does the 2512 package size affect the heat dissipation requirements?
    • ⤷ Can this resistor be used in AC current sensing applications?