전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCS-25-R/E

  • AI
    The **TCS-25-R/E** is a specific series of high-precision current transducers, typically manufactured by companies like **LEM** or **TCS (Transducer Control Systems)**. These components are designed to measure DC, AC, and pulse currents with high accuracy using the **Closed-Loop Hall Effect** technology. --- ### 1. Technical Specifications The "25" in the model name usually denotes the primary nominal current ($I_{PN}$), while "R/E" refers to the mounting style or specific output sensitivity. | Feature | Specification (Typical) | | :--- | :--- | | **Primary Nominal Current ($I_{PN}$)** | 25 A | | **Measuring Range** | 0 to ±55 A | | **Secondary Nominal Current ($I_{SN}$)** | 25 mA or 50 mA (Model dependent) | | **Supply Voltage ($V_C$)** | ±12V to ±15V DC | | **Accuracy** | ±0.5% | | **Linearity** | < 0.1% | | **Response Time** | < 1 µs | | **Bandwidth** | DC to 150 kHz | --- ### 2. Internal Electronic Components The device is an integrated module consisting of the following key stages: 1. **Magnetic Core:** A high-permeability soft magnetic ring that surrounds the primary conductor to concentrate the magnetic flux. 2. **Hall Effect Generator:** A semiconductor sensor placed in the air gap of the magnetic core. It detects the magnetic field generated by the primary current. 3. **Compensation Circuit (Operational Amplifier):** An internal high-gain amplifier that receives the Hall sensor signal and drives a current through a secondary "compensation" coil. 4. **Secondary Coil:** Wound around the magnetic core, this coil creates an opposing magnetic field to cancel out the primary flux (hence "Closed-Loop"). 5. **Shunt Resistor Interface:** The output is a current proportional to the primary current, which can be converted to voltage using an external resistor ($R_M$). --- ### 3. Pin Configuration (Typical PCB Mount) The TCS-25 series usually features 4 to 5 pins: | Pin | Designation | Description | | :--- | :--- | :--- | | **+** | +Vcc | Positive supply voltage (+15V) | | **-** | -Vcc | Negative supply voltage (-15V) | | **M** | Output / Measure | The secondary current signal output | | **0** | GND | Ground / Common terminal | --- ### 4. Key Advantages * **Galvanic Isolation:** The measuring circuit is electrically isolated from the high-voltage primary circuit (usually up to 3kV). * **High Dynamic Performance:** Capable of tracking fast-changing waveforms (di/dt) without significant delay. * **Thermal Stability:** Because it operates in a closed-loop "zero-flux" mode, it is less susceptible to temperature-induced drift than open-loop sensors. --- ### 5. Common Applications * **Variable Speed Drives (VFDs):** Monitoring motor current. * **Uninterruptible Power Supplies (UPS):** Managing battery charging and load balancing. * **Solar Inverters:** Tracking DC output from panels. * **Welding Power Supplies:** Precision control of high-current outputs.
    ✨ Follow-up Questions
    • ⤷ What is the difference between closed-loop and open-loop Hall Effect sensors?
    • ⤷ How do I calculate the burden resistor (Rm) for a 5V output?
    • ⤷ Does the TCS-25-R/E require a bipolar power supply?