전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCS-2E-R

  • AI
    The **TCS-2E-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Tactile Switch** or a specialized **Relay/Sensor interface** depending on the manufacturer (most commonly associated with high-precision miniature switching components). Below is a detailed breakdown of its electronic characteristics and construction. --- ### 1. General Specifications The TCS-2E-R is designed for high-density PCB mounting. Its primary role is to provide a physical interface for user input or automated signal switching with minimal electrical noise. | Feature | Specification (Typical) | | :--- | :--- | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Circuit Configuration** | SPST (Single Pole Single Throw) | | **Switch Function** | Momentary / Normally Open (NO) | | **Contact Rating** | 50mA @ 12VDC (Standard signal level) | | **Operating Force** | 1.6N to 2.5N (Model dependent) | | **Terminal Material** | Silver or Gold-plated Copper Alloy | --- ### 2. Internal Electronic Parts The device is composed of several critical layers that ensure electrical conductivity and mechanical feedback: * **Actuator (Button):** The top part that the user presses. In the "R" (Right Angle or Reel) variant, this is often designed for side-actuation. * **Contact Dome:** A precision-engineered metal disk. When pressed, it collapses to bridge the gap between two internal terminals. This provides the "click" feel (haptic feedback). * **Base (Housing):** Usually made of High-Temperature Thermoplastic (LCP) to withstand reflow soldering temperatures. * **Terminals:** The "E" designation often refers to the lead shape (e.g., Gull-wing or J-lead) used to solder the component to the PCB. --- ### 3. Key Electronic Characteristics #### A. Contact Resistance The internal parts are designed for low resistance (typically **<100mΩ**). Over time, oxidation is prevented by silver plating on the internal dome and leads. #### B. Insulation Resistance The plastic housing provides high insulation, usually rated at **100MΩ @ 100VDC**, ensuring that there is no current leakage between terminals when the switch is open. #### C. Bouncing (Signal Noise) Like all mechanical electronic parts, the TCS-2E-R experiences "contact bounce." When the switch closes, the metal dome vibrates for **5ms to 10ms** before a stable connection is made. Designers must handle this via hardware RC filters or software debouncing. --- ### 4. Application Context * **Consumer Electronics:** Power buttons on smartphones or tablets. * **Industrial:** Reset switches on PLC modules. * **Medical:** Interface buttons for handheld diagnostic tools. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum reflow soldering temperature for the TCS-2E-R?
    • ⤷ How does the 'R' suffix change the mounting orientation compared to the standard model?
    • ⤷ What are the recommended debouncing circuit values for this switch?