전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCS-30-R/BL

  • AI
    The **TCS-30-R/BL** refers to a specific model of an electronic weighing scale, typically belonging to the "TCS" series (Electronic Platform Scales). The suffix "R/BL" usually denotes specific display features, such as a **Red (R)** LED display or a **Backlight (BL)** for LCD versions. --- ### Core Electronic Components The system functions through a chain of sensors and microprocessors that convert physical force into a digital readout. | Component | Function | Description | | :--- | :--- | :--- | | **Load Cell** | Sensor | The "heart" of the scale. It uses strain gauges to convert mechanical pressure into an electrical signal (mV). | | **A/D Converter** | Signal Processing | Converts the analog voltage from the load cell into a digital signal that the CPU can read. | | **Main PCBA** | Control Unit | The motherboard containing the microcontroller (MCU) that calculates weight, price, and handles calibration data. | | **LED/LCD Display** | User Interface | The "R/BL" part. High-brightness Red LED or LCD with a blue/green backlight for visibility in dark environments. | | **Power Supply** | Energy | Usually includes a transformer/switching circuit and a **4V or 6V Lead-Acid rechargeable battery**. | --- ### Key Technical Specifications Modern TCS-30 series scales generally share the following electronic characteristics: * **Capacity:** 30kg maximum. * **Precision (Division):** Generally 1g, 2g, or 5g depending on calibration. * **Operating Voltage:** 220V/110V AC or DC via internal battery. * **Communication (Optional):** Some models include an RS232 port for PC or printer connectivity. --- ### Circuit Block Diagram Concept ```mermaid graph LR A[Load Cell] --> B[Amplifier/ADC] B --> C[Microcontroller] C --> D[Display LED/LCD] E[Keypad] --> C F[Battery/Power] --> C ``` --- ### Common Issues & Electronic Maintenance 1. **"Err" Messages:** Usually indicates a fault in the **Load Cell** or the **A/D Converter** (signal out of range). 2. **Display Flickering:** Often caused by a failing **Voltage Regulator** on the main board or a depleted battery. 3. **Inaccurate Readings:** This may require electronic **Recalibration** via the keypad to reset the "Zero" and "Span" values in the MCU memory.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate a TCS-30 scale using the keypad?
    • ⤷ What are the pinout connections for a standard 4-wire load cell?
    • ⤷ How can I replace the internal rechargeable battery?